Electronic Components Datasheet Search
  English  ▼

X  

H83069RF Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # H83069RF
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  1003 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83069RF Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button H83069RF Datasheet HTML 243Page - Renesas Technology Corp H83069RF Datasheet HTML 244Page - Renesas Technology Corp H83069RF Datasheet HTML 245Page - Renesas Technology Corp H83069RF Datasheet HTML 246Page - Renesas Technology Corp H83069RF Datasheet HTML 247Page - Renesas Technology Corp H83069RF Datasheet HTML 248Page - Renesas Technology Corp H83069RF Datasheet HTML 249Page - Renesas Technology Corp H83069RF Datasheet HTML 250Page - Renesas Technology Corp H83069RF Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 1003 page
background image
Rev. 5.0, 09/04, page 225 of 978
7.4.5
Normal Mode
In normal mode the A and B channels are combined. One byte or word is transferred per request.
A designated number of these transfers are executed. Addresses are specified in MARA and
MARB. Table 7.9 indicates the register functions in I/O mode.
Table 7.9
Register Functions in Normal Mode
Register
Function
Initial Setting
Operation
23
0
MARA
Source address
register
Source start
address
Incremented or
decremented once per
transfer, or held fixed
23
0
MARB
Destination
address register
Destination start
address
Incremented or
decremented once per
transfer, or held fixed
15
0
ETCRA
Transfer counter
Number of
transfers
Decremented once per
transfer
[Legend]
MARA: Memory address register A
MARB: Memory address register B
ETCRA: Execute transfer count register A
The source and destination addresses are both 24-bit addresses. MARA specifies the source
address. MARB specifies the destination address. MARA and MARB can be independently
incremented, decremented, or held fixed as data is transferred.
The transfer count is specified as a 16-bit value in ETCRA. The ETCRA value is decremented by
1 at each transfer. When the ETCRA value reaches H'0000, the DTE bit is cleared and the transfer
ends. If the DTIE bit is set to 1, a CPU interrupt is requested at this time. The maximum transfer
count is 65,536, obtained by setting ETCRA to H'0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com