| Electronic Components Datasheet Search |
|
H83069RF Datasheet(PDF) 243 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H83069RF Datasheet(HTML) 243 Page - Renesas Technology Corp |
|
243 / 1003 page ![]() Rev. 5.0, 09/04, page 221 of 978 The transfer count is specified as a 16-bit value in ETCR. The ETCR value is decremented by 1 at each transfer. When the ETCR value reaches H'0000, the DTE bit is cleared, the transfer ends, and a CPU interrupt is requested. The maximum transfer count is 65,536, obtained by setting ETCR to H'0000. Transfers can be requested (activated) by compare match/input capture A interrupts from 16-bit timer channels 0 to 2, transmit-data-empty and receive-data-full interrupts from SCI channel 0, conversion-end interrupts from the A/D converter, and external request signals. For the detailed settings see section 7.3.4, Data Transfer Control Registers (DTCR). Figure 7.5 shows a sample setup procedure for idle mode. Set source and destination addresses Set transfer count Read DTCR Set DTCR Idle mode Idle mode setup [1] [2] [3] [4] [1] [2] [3] [4] Set the source and destination addresses in MAR and IOAR. The transfer direction is deter- mined automatically from the activation source. Set the transfer count in ETCR. Read DTCR while the DTE bit is cleared to 0. Set the DTCR bits as follows. Select the DMAC activation source with bits DTS2 to DTS0. Set the DTIE and RPE bits to 1 to select idle mode. Select byte size or word size with the DTSZ bit. Set the DTE bit to 1 to enable the transfer. • • • • Figure 7.5 Idle Mode Setup Procedure (Example) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |