Electronic Components Datasheet Search
  English  ▼

X  

H83069RF Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # H83069RF
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  1003 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83069RF Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button H83069RF Datasheet HTML 236Page - Renesas Technology Corp H83069RF Datasheet HTML 237Page - Renesas Technology Corp H83069RF Datasheet HTML 238Page - Renesas Technology Corp H83069RF Datasheet HTML 239Page - Renesas Technology Corp H83069RF Datasheet HTML 240Page - Renesas Technology Corp H83069RF Datasheet HTML 241Page - Renesas Technology Corp H83069RF Datasheet HTML 242Page - Renesas Technology Corp H83069RF Datasheet HTML 243Page - Renesas Technology Corp H83069RF Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 1003 page
background image
Rev. 5.0, 09/04, page 218 of 978
Address T
Address B
Transfer
[Legend]
L = initial setting of MAR
N = initial setting of ETCR
Address T = L
Address B = L + (–1)
• (2
• N – 1)
DTID
IOAR
1 byte or word is
transferred per request
DTSZ
Figure 7.2 Operation in I/O Mode
The transfer count is specified as a 16-bit value in ETCR. The ETCR value is decremented by 1 at
each transfer. When the ETCR value reaches H'0000, the DTE bit is cleared and the transfer ends.
If the DTIE bit is set to 1, a CPU interrupt is requested at this time. The maximum transfer count
is 65,536, obtained by setting ETCR to H'0000.
Transfers can be requested (activated) by compare match/input capture A interrupts from 16-bit
timer channels 0 to 2, transmit-data-empty and receive-data-full interrupts from SCI channel 0,
conversion-end interrupts from the A/D converter, and external request signals.
For the detailed settings see section 7.2.4, Data Transfer Control Registers (DTCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com