Electronic Components Datasheet Search
  English  ▼

X  

H83069RF Datasheet(PDF) 244 Page - Renesas Technology Corp

Part # H83069RF
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  1003 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83069RF Datasheet(HTML) 244 Page - Renesas Technology Corp

Back Button H83069RF Datasheet HTML 240Page - Renesas Technology Corp H83069RF Datasheet HTML 241Page - Renesas Technology Corp H83069RF Datasheet HTML 242Page - Renesas Technology Corp H83069RF Datasheet HTML 243Page - Renesas Technology Corp H83069RF Datasheet HTML 244Page - Renesas Technology Corp H83069RF Datasheet HTML 245Page - Renesas Technology Corp H83069RF Datasheet HTML 246Page - Renesas Technology Corp H83069RF Datasheet HTML 247Page - Renesas Technology Corp H83069RF Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 1003 page
background image
Rev. 5.0, 09/04, page 222 of 978
7.4.4
Repeat Mode
Repeat mode is useful for cyclically transferring a bit pattern from a table to the programmable
timing pattern controller (TPC) in synchronization, for example, with 16-bit timer compare match.
Repeat mode can be selected for each channel independently.
One byte or word is transferred per request in repeat mode, as in I/O mode. A designated number
of these transfers are executed. One address is specified in the memory address register (MAR),
the other in the I/O address register (IOAR). At the end of the designated number of transfers,
MAR and ETCRH are restored to their original values and operation continues. The direction of
transfer is determined automatically from the activation source. The transfer is from the address
specified in IOAR to the address specified in MAR if activated by an SCI channel 0 receive-data-
full interrupt, and from the address specified in MAR to the address specified in IOAR otherwise.
Table 7.8 indicates the register functions in repeat mode.
Table 7.8
Register Functions in Repeat Mode
Function
Register
Activated by
SCI 0 Receive-
Data-Full
Interrupt
Other
Activation Initial Setting
Operation
Destination
address
register
Source
address
register
Destination or
source start
address
Incremented or
decremented at
each transfer until
ETCRH reaches
H'0000, then restored
to initial value
Source
address
register
Destination
address
register
Source or
destination
address
Held fixed
Transfer counter
Number of
transfers
Decremented once
per transfer until
H'0000 is reached,
then reloaded from
ETCRL
Initial transfer count
Number of
transfers
Held fixed
[Legend]
MAR:
Memory address register
IOAR: I/O address register
ETCR: Execute transfer count register
23
0
MAR
All 1s
IOAR
23
0
70
ETCRH
7
70
ETCRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com