Electronic Components Datasheet Search
  English  ▼

X  

H83069RF Datasheet(PDF) 255 Page - Renesas Technology Corp

Part # H83069RF
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  1003 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83069RF Datasheet(HTML) 255 Page - Renesas Technology Corp

Back Button H83069RF Datasheet HTML 251Page - Renesas Technology Corp H83069RF Datasheet HTML 252Page - Renesas Technology Corp H83069RF Datasheet HTML 253Page - Renesas Technology Corp H83069RF Datasheet HTML 254Page - Renesas Technology Corp H83069RF Datasheet HTML 255Page - Renesas Technology Corp H83069RF Datasheet HTML 256Page - Renesas Technology Corp H83069RF Datasheet HTML 257Page - Renesas Technology Corp H83069RF Datasheet HTML 258Page - Renesas Technology Corp H83069RF Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 1003 page
background image
Rev. 5.0, 09/04, page 233 of 978
7.4.7
DMAC Activation
The DMAC can be activated by an internal interrupt, external request, or auto-request. The
available activation sources differ depending on the transfer mode and channel as indicated in
table 7.11.
Table 7.11
DMAC Activation Sources
Short Address Mode
Channels
Channels
Full Address Mode
Activation Source
0A and 1A
0B and 1B
Normal
Block
Internal
IMIA0
×
interrupts
IMIA1
×
IMIA2
×
ADI
×
TXI0
××
RXI0
××
External
requests
Falling edge
of
DREQ
×
Low input at
DREQ
×
×
Auto-request
××
×
Activation by Internal Interrupts: When an interrupt request is selected as a DMAC activation
source and the DTE bit is set to 1, that interrupt request is not sent to the CPU. It is not possible
for an interrupt request to activate the DMAC and simultaneously generate a CPU interrupt.
When the DMAC is activated by an interrupt request, the interrupt request flag is cleared
automatically. If the same interrupt is selected to activate two or more channels, the interrupt
request flag is cleared when the highest-priority channel is activated, but the transfer request is
held pending on the other channels in the DMAC, which are activated in their priority order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com