Electronic Components Datasheet Search
  English  ▼

X  

H83069RF Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # H83069RF
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  1003 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83069RF Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button H83069RF Datasheet HTML 265Page - Renesas Technology Corp H83069RF Datasheet HTML 266Page - Renesas Technology Corp H83069RF Datasheet HTML 267Page - Renesas Technology Corp H83069RF Datasheet HTML 268Page - Renesas Technology Corp H83069RF Datasheet HTML 269Page - Renesas Technology Corp H83069RF Datasheet HTML 270Page - Renesas Technology Corp H83069RF Datasheet HTML 271Page - Renesas Technology Corp H83069RF Datasheet HTML 272Page - Renesas Technology Corp H83069RF Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 1003 page
background image
Rev. 5.0, 09/04, page 247 of 978
7.5
Interrupts
The DMAC generates only DMA-end interrupts. Table 7.13 lists the interrupts and their priority.
Table 7.13
DMAC Interrupts
Description
Interrupt
Short Address Mode
Full Address Mode
Interrupt Priority
DEND0A
End of transfer on channel 0A
End of transfer on channel 0
High
DEND0B
End of transfer on channel 0B
—
DEND1A
End of transfer on channel 1A
End of transfer on channel 1
DEND1B
End of transfer on channel 1B
—
Low
Each interrupt is enabled or disabled by the DTIE bit in the corresponding data transfer control
register (DTCR). Separate interrupt signals are sent to the interrupt controller.
The interrupt priority order among channels is channel 0 > channel 1 and channel A > channel B.
Figure 7.25 shows the DMA-end interrupt logic. An interrupt is requested whenever DTE = 0 and
DTIE = 1.
DTE
DTIE
DMA-end interrupt
Figure 7.25 DMA-End Interrupt Logic
The DMA-end interrupt for the B channels (DENDB) is unavailable in full address mode. The
DTME bit does not affect interrupt operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com