Electronic Components Datasheet Search
  English  ▼

X  

H83069RF Datasheet(PDF) 270 Page - Renesas Technology Corp

Part # H83069RF
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  1003 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83069RF Datasheet(HTML) 270 Page - Renesas Technology Corp

Back Button H83069RF Datasheet HTML 266Page - Renesas Technology Corp H83069RF Datasheet HTML 267Page - Renesas Technology Corp H83069RF Datasheet HTML 268Page - Renesas Technology Corp H83069RF Datasheet HTML 269Page - Renesas Technology Corp H83069RF Datasheet HTML 270Page - Renesas Technology Corp H83069RF Datasheet HTML 271Page - Renesas Technology Corp H83069RF Datasheet HTML 272Page - Renesas Technology Corp H83069RF Datasheet HTML 273Page - Renesas Technology Corp H83069RF Datasheet HTML 274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 1003 page
background image
Rev. 5.0, 09/04, page 248 of 978
7.6
Usage Notes
7.6.1
Note on Word Data Transfer
Word data cannot be accessed starting at an odd address. When word-size transfer is selected, set
even values in the memory and I/O address registers (MAR and IOAR).
7.6.2
DMAC Self-Access
The DMAC itself cannot be accessed during a DMAC cycle. DMAC registers cannot be specified
as source or destination addresses.
7.6.3
Longword Access to Memory Address Registers
A memory address register can be accessed as longword data at the MARR address.
Example
MOV.L
#LBL, ER0
MOV.L
ER0, @MARR
Four byte accesses are performed. Note that the CPU may release the bus between the second byte
(MARE) and third byte (MARH).
Memory address registers should be written and read only when the DMAC is halted.
7.6.4
Note on Full Address Mode Setup
Full address mode is controlled by two registers: DTCRA and DTCRB. Care must be taken to
prevent the B channel from operating in short address mode during the register setup. The enable
bits (DTE and DTME) should not be set to 1 until the end of the setup procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com