Electronic Components Datasheet Search
  English  ▼

X  

TDA7267A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7267A
Description  3W MONO AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7267A Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7267A Datasheet HTML 1Page - STMicroelectronics TDA7267A Datasheet HTML 2Page - STMicroelectronics TDA7267A Datasheet HTML 3Page - STMicroelectronics TDA7267A Datasheet HTML 4Page - STMicroelectronics TDA7267A Datasheet HTML 5Page - STMicroelectronics TDA7267A Datasheet HTML 6Page - STMicroelectronics TDA7267A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TDA7267A
3W MONO AMPLIFIER
CAN DELIVER 3W THD 10% 14.5V/8
Ω
INTERNAL FIXED GAIN 32dB
NO FEEDBACK CAPACITOR
NO BOUCHEROT CELL
THERMAL PROTECTION
AC SHORT CIRCUIT PROTECTION
SVR CAPACITOR FOR BETTER RIPPLE
REJECTION
LOW TURN-ON/OFF POP
STAND-BY MODE
DESCRIPTION
The device TDA7267A is a new technology Mono
Audio Amplifier in PowerDIP package specifically
designed for TV application.
Thanks to the fully complementary output configu-
ration the device delivers a rail to rail voltage
swing without need of boostrap capacitors.
June 1998
IN
SVR
S-GND
P-GND
VS
C4
100
µF
VS=14.5V
C5 470
µF
OUT
8
Ω
C1 0.1
µF
C3
47
µF
IN
D98AU827
+
-
4
3
6
9 to 16
2
1
BLOCK DIAGRAM
ORDERING NUMBER: TDA7267A
PowerDIP 8+8
®
1/7


Similar Part No. - TDA7267A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7267 STMICROELECTRONICS-TDA7267 Datasheet
51Kb / 5P
2W MONO AMPLIFIER
1998-Jun
TDA7267T STMICROELECTRONICS-TDA7267T Datasheet
154Kb / 10P
2 W mono amplifier
29-May-2009
More results

Similar Description - TDA7267A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA7056 STMICROELECTRONICS-STA7056 Datasheet
60Kb / 5P
3W MONO BRIDGE AMPLIFIER
Mar-2000
logo
Eutech Microelectronics...
EUA6204A EUTECH-EUA6204A Datasheet
384Kb / 11P
3W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0714 ANPEC-APA0714 Datasheet
462Kb / 25P
3W Mono Fully Differential Audio Power Amplifier
APA2010B ANPEC-APA2010B Datasheet
542Kb / 19P
3W Mono Class-D Audio Power Amplifier
APA2012 ANPEC-APA2012 Datasheet
344Kb / 19P
3W Mono Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 1
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012_18 Datasheet
293Kb / 19P
3W Mono Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8013 DIODES-PAM8013 Datasheet
467Kb / 9P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 2
logo
Lowpower Semiconductor ...
LPA2104A POWER-LPA2104A Datasheet
390Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
logo
List of Unclassifed Man...
MD2103 ETC2-MD2103 Datasheet
207Kb / 9P
3W mono audio power amplifier
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com