Electronic Components Datasheet Search
  English  ▼

X  

TDA7267A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7267A
Description  3W MONO AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7267A Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7267A Datasheet HTML 1Page - STMicroelectronics TDA7267A Datasheet HTML 2Page - STMicroelectronics TDA7267A Datasheet HTML 3Page - STMicroelectronics TDA7267A Datasheet HTML 4Page - STMicroelectronics TDA7267A Datasheet HTML 5Page - STMicroelectronics TDA7267A Datasheet HTML 6Page - STMicroelectronics TDA7267A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
APPLICATION HINTS:
For 14.5V supply and 8
Ω speaker application, its
maximum power dissipation is about 1.8W.
Assumming that max ambient temperature is
70
°C, the required thermal resistance of the de-
vice mounted on the PCB with a dissipating area
must be equal to: (150 - 70)/1.8 = 44.4
°C/W.
Junction to pin thermal resistance of the package
is about 15
°C/W. That means external heat sink
of about 30
°C/W is required.
Cu ground plane of PCB can be used as heat dis-
sipating means.
IN
SVR
P-GND
VS
C4
100
µF
VS=14.5V
C5 470
µF
OUT
8
Ω
C1 0.1
µF
C3
47
µF
IN
D98AU828
STAND-BY
4
3
9 to 16
2
1
S-GND
6
Figure 1. Application Circuit
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction to ambient
70
°C/W
Rth j-case
Thermal Resistance Junction to case
15
°C/W
ELECTRICAL CHARACTERISTICS (Tamb = 25
°C; VS = 14.5V; RL = 8Ω; f = 1KHz; unless otherwise
specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage Range
5
18
V
IS
Quiescent Current
23
35
mA
Isb
Stand-By Current
Pin 3 shorted to GND
0.3
mA
VO
Quiescent Output Voltage
7.5
V
AV
Voltage Gain
31
33
dB
RIN
Input Impedance
50
100
K
Ω
PO
Output Power
THD = 10%
2.7
3
W
THD
Distortion
PO = 1W
0.1
0.3
%
SVR
Supply Voltage Rejection
Vripple = 150mVrms;
Fripple = 1KHz
50
dB
EI
Input Noise Voltage
Rg = 10K
Ω; BW = 20Hz to 20KHz
5
10
µV
Vsb
Stand-By Enable Voltage
1
V
TDA7267A
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com