Electronic Components Datasheet Search
  English  ▼

X  

TDA7267A Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7267A
Description  3W MONO AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7267A Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7267A Datasheet HTML 1Page - STMicroelectronics TDA7267A Datasheet HTML 2Page - STMicroelectronics TDA7267A Datasheet HTML 3Page - STMicroelectronics TDA7267A Datasheet HTML 4Page - STMicroelectronics TDA7267A Datasheet HTML 5Page - STMicroelectronics TDA7267A Datasheet HTML 6Page - STMicroelectronics TDA7267A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
0.010
0.1
1
10
0.1
1
5
THD+N(%)
Pout(W)
f = 15KHz
Figure 5. Distortion vs Output Power
0.1
1
10
4.000
6.000
8.000
10.00
12.00
14.00
16.00
18.00
20.00
Vs(V)
Pout (W)
f = 1KHz
THD=10%
f = 1KHz
THD= 1%
Figure 6. Output Power vs Supply Voltage
0.010
0.1
1
10
100
1k
10k
20k
THD(%)
f(Hz)
Pout = 1W
Vs = 14.5V
Rl = 8 Ohm
Figure 7. Distortion vs Frequency
456789
10 11 12 13 14 15 16 17 18
5
10
15
20
25
30
Iq(mA)
Vs(V)
Figure 8. Quiescent current vs Supply Voltage
0
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
1.3
1.4
1.5
1.6
1.7
1.8
1.9
Pd(W)
Pout(W)
Vs = 14.5V
Rl = 8 Ohm
F = 1KHz
Figure 9. Power dissipation vs Output Power
TDA7267A
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com