Electronic Components Datasheet Search
  English  ▼

X  

TDA7267A Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7267A
Description  3W MONO AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7267A Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7267A Datasheet HTML 1Page - STMicroelectronics TDA7267A Datasheet HTML 2Page - STMicroelectronics TDA7267A Datasheet HTML 3Page - STMicroelectronics TDA7267A Datasheet HTML 4Page - STMicroelectronics TDA7267A Datasheet HTML 5Page - STMicroelectronics TDA7267A Datasheet HTML 6Page - STMicroelectronics TDA7267A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
18
V
IO
Output Put Peak Current
1.5
A
Top
Operating Temperature Range
0 to 70
°C
Tj
Junction Temperature
150
°C
Tstg
Storage Temperature Range
-40 to 125
°C
VS
OUT
SVR
IN
N.C.
N.C.
S-GND
1
3
2
4
5
6
7
P-GND
P-GND
P-GND
P-GND
P-GND
P-GND
P-GND
16
15
14
13
12
10
11
D98AU829
N.C.
8
P-GND
9
PIN CONNECTION (Top view)
02468
10
12
ON BOARD HEAT-SINK AREA (sq.cm)
34
36
38
40
42
44
46
48
50
52
54
D98AU830
Rth with "on Board" Square Heat Sink vs. Copper
Area
Example of heatsink using PC board copper
TDA7267A
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com