Electronic Components Datasheet Search
  English  ▼

X  

XIO3130 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # XIO3130
Description  XIO3130 switch is a PCI Express 쨈1 3-port fanout switch
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO3130 Datasheet(HTML) 39 Page - Texas Instruments

Back Button XIO3130 Datasheet HTML 35Page - Texas Instruments XIO3130 Datasheet HTML 36Page - Texas Instruments XIO3130 Datasheet HTML 37Page - Texas Instruments XIO3130 Datasheet HTML 38Page - Texas Instruments XIO3130 Datasheet HTML 39Page - Texas Instruments XIO3130 Datasheet HTML 40Page - Texas Instruments XIO3130 Datasheet HTML 41Page - Texas Instruments XIO3130 Datasheet HTML 42Page - Texas Instruments XIO3130 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 139 page
background image
4.2.6
Class Code and Revision ID Register
4.2.7
Cache Line Size Register
4.2.8
Primary Latency Timer Register
XIO3130
www.ti.com
SLLS693D – MAY 2007 – REVISED AUGUST 2008
This read-only register categorizes the Base Class, Sub Class, and Programming Interface of the
XIO3130. The Base Class is 06h, identifying the device as bridge device. The Sub Class is 04h,
identifying the function as a PCI-to-PCI bridge, and the Programming Interface is 00h. Also, the TI chip
revision is indicated in the lower byte (02h).
PCI register offset:
08h
Register type:
Read only
Default value:
0604 0002h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
1
1
0
0
0
0
0
0
1
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
Table 4-5. Bit Descriptions – Class Code and Revision ID Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:24
BASECLASS
r
Base Class. This field returns 06h when read, which classifies the function as a Bridge device.
Sub Class. This field returns 04h when read, which specifically classifies the function as a
23:16
SUBCLASS
r
PCI-to-PCI bridge.
15:8
PGMIF
r
Programming Interface. This field returns 00h when read.
7:0
CHIPREV
r
Silicon Revision. This field returns the silicon revision.
The Cache Line Size Register is implemented by PCI Express devices as a read-write field for legacy
compatibility purposes but has no impact on any PCI Express device functionality.
PCI register offset:
0Ch
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
This read-only register has no meaningful context for a PCI Express device and returns zeros when read.
PCI register offset:
0Dh
Register type:
Read Only
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Submit Documentation Feedback
XIO3130 Configuration Register Space
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com