Electronic Components Datasheet Search
  English  ▼

X  

XIO3130 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # XIO3130
Description  XIO3130 switch is a PCI Express 쨈1 3-port fanout switch
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO3130 Datasheet(HTML) 49 Page - Texas Instruments

Back Button XIO3130 Datasheet HTML 45Page - Texas Instruments XIO3130 Datasheet HTML 46Page - Texas Instruments XIO3130 Datasheet HTML 47Page - Texas Instruments XIO3130 Datasheet HTML 48Page - Texas Instruments XIO3130 Datasheet HTML 49Page - Texas Instruments XIO3130 Datasheet HTML 50Page - Texas Instruments XIO3130 Datasheet HTML 51Page - Texas Instruments XIO3130 Datasheet HTML 52Page - Texas Instruments XIO3130 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 139 page
background image
4.2.33 Power Management Control/Status Register
XIO3130
www.ti.com
SLLS693D – MAY 2007 – REVISED AUGUST 2008
Table 4-18. Bit Descriptions – Power Management Capabilities Register (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
4
RSVD
r
Reserved. When read, this bit returns zero.
PME clock. This bit returns zero, which indicates that the PCI clock is not needed to generate
3
PME_CLK
r
PME.
2:0
PM_VERSION
r
Power management version. This field returns 3’b011, which indicates Revision 1.2 compatibility.
This register determines and changes the current power state of the XIO3130.
PCI register offset:
54h
Register type:
Read/Write; Read Only
Default value:
0008h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
Table 4-19. Bit Descriptions – Power Management Control/Status Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
PME status. This bit is hardwired to 0b since the XIO3130’s upstream port does not generate
15
PME_STAT
r
PME regardless of PME_SUPPORT field setting.
Data scale. This 2-bit field returns 0’s when read since the XIO3130 does not use the Data
14:13
DATA_SCALE
r
Register.
Data select. This 4-bit field returns 0’s when read since the XIO3130 does not use the Data
12:9
DATA_SEL
r
Register
PME enable. This bit enables PME signaling. This bit is hardwired to 0b since the XIO3130’s
8
PME_EN
r
upstream port does not generate PME.
7:4
RSVD
r
Reserved. When read, these bits return zeros.
No soft reset. This bit controls whether the transition from D3hot to D0 resets the state
according to the PCI Power Management Specification Revision 1.2. This bit is hardwired to
1’b1.
3
NO_SOFT_RST
r
0 – D3hot to D0 transition causes reset.
1 – D3hot to D0 transition does not cause reset.
2
RSVD
r
Reserved. When read, this bit returns zero.
Power state. This 2-bit field is used both to determine the current power state of the function
and to set the function into a new power state. This field is encoded as follows:
00 = D0
01 = D1
1:0
PWR_STATE
rw
10 = D2
11 = D3hot
See the Power Management section of this document for information about what the XIO3130
does in these different power states.
Submit Documentation Feedback
XIO3130 Configuration Register Space
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com