Electronic Components Datasheet Search
  English  ▼

X  

XIO3130 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # XIO3130
Description  XIO3130 switch is a PCI Express 쨈1 3-port fanout switch
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO3130 Datasheet(HTML) 21 Page - Texas Instruments

Back Button XIO3130 Datasheet HTML 17Page - Texas Instruments XIO3130 Datasheet HTML 18Page - Texas Instruments XIO3130 Datasheet HTML 19Page - Texas Instruments XIO3130 Datasheet HTML 20Page - Texas Instruments XIO3130 Datasheet HTML 21Page - Texas Instruments XIO3130 Datasheet HTML 22Page - Texas Instruments XIO3130 Datasheet HTML 23Page - Texas Instruments XIO3130 Datasheet HTML 24Page - Texas Instruments XIO3130 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 139 page
background image
XIO3130
www.ti.com
SLLS693D – MAY 2007 – REVISED AUGUST 2008
Table 2-11. Miscellaneous Terminals
Signal
Ball
I/O Type
External Parts
Description
C02
LV CMOS IN
Global power-on reset input. Note: a pullup to Vaux (if supported) or
GRST
See description
VDD3.3 (if not) is required unless this terminal is always driven by
the upstream device.
SDA
D13
LV CMOS I/O
Serial Data. This pin is the serial data pin for the EEPROM interface.
B14
LV CMOS O
Serial Clock. This pin is the serial clock pin for the EEPROM
SCL
interface.
N02
LV CMOS O
Upstream Clock Request. When asserted low, requests upstream
CLKREQ_UP
device restart clock in cases where upstream clock may be removed
in L1
RSVD
A13, B12,
Reserved. These terminals must tied to VDD15.
RSVD
C04, P01
Reserved. This terminal must be tied to GND.
RSVD
D04
See description
Reserved. Pullup to Vaux (if supported) or VDD3.3 (if not)
Submit Documentation Feedback
Introduction
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com