Electronic Components Datasheet Search
  English  ▼

X  

XIO3130 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # XIO3130
Description  XIO3130 switch is a PCI Express 쨈1 3-port fanout switch
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO3130 Datasheet(HTML) 72 Page - Texas Instruments

Back Button XIO3130 Datasheet HTML 68Page - Texas Instruments XIO3130 Datasheet HTML 69Page - Texas Instruments XIO3130 Datasheet HTML 70Page - Texas Instruments XIO3130 Datasheet HTML 71Page - Texas Instruments XIO3130 Datasheet HTML 72Page - Texas Instruments XIO3130 Datasheet HTML 73Page - Texas Instruments XIO3130 Datasheet HTML 74Page - Texas Instruments XIO3130 Datasheet HTML 75Page - Texas Instruments XIO3130 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 139 page
background image
4.2.65 GPIO Data Register
XIO3130
SLLS693D – MAY 2007 – REVISED AUGUST 2008
www.ti.com
This register is used to read the state of the GPIO pins and to change the state of GPIO pins that are in
output mode. Reads to this register return the state of the GPIO pins, regardless of PCI Hot Plug
strapping or GPIO configuration. Writes to this register only affect pins that are configured as a general
purpose output.
PCI register offset:
C4h
Register type:
Read/Write; Read Only
Default value:
00000 0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4-39. Bit Descriptions – GPIO Data Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:19
RSVD
r
GPIO 18 data.
HP_INTX / PD_CHG / GPIO 18 data.
HP_INTX output mode:
Reads indicate current state of pin
Writes have no affect
PD_CHG output mode:
Reads indicate current state of pin
18
PCIE_GPIO18_DATA
rw
Writes have no affect
PD_CHG is asserted whenever all of the following are true for any given slot:
PDC[n] bit is asserted in the Slot Status register for switch downstream port n, and
PDC_EN[n] bit is asserted in Slot Control Register for switch downstream port n
GP Input mode: reads state of pin; writes have no affect
GP Output mode: reads and also controls state of pin
This field is loaded from EEPROM (if present), and reset with FRST.
PWR_OVER / GPIO 17 data.
PWR_OVER mode: reads state of pin; writes have no affect
PWR_OVER pin is asserted whenever any of the following conditions are true:
PERST is asserted
17
PCIE_GPIO17_DATA
rw
Conditions are met for exceeding slot power limit (see PWR_OVRD field in
Global Chip Control Register)
GP Input mode: reads state of pin; writes have no affect
GP Output mode: reads and also controls state of pin
This field is loaded from EEPROM (if present), and reset with FRST.
GP Input mode: reads state of pin; writes have no affect
16
PCIE_GPIO16_DATA
rw
GP Output mode: reads and also controls state of pin
This field is loaded from EEPROM (if present), and reset with FRST.
GPIO 15 data.
GP Input mode: reads state of pin; writes have no affect
15
PCIE_GPIO15_DATA
rw
GP Output mode: reads and also controls state of pin
This field is loaded from EEPROM (if present), and reset with FRST.
XIO3130 Configuration Register Space
72
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com