Electronic Components Datasheet Search
  English  ▼

X  

TDA7400 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7400
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7400 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7400 Datasheet HTML 4Page - STMicroelectronics TDA7400 Datasheet HTML 5Page - STMicroelectronics TDA7400 Datasheet HTML 6Page - STMicroelectronics TDA7400 Datasheet HTML 7Page - STMicroelectronics TDA7400 Datasheet HTML 8Page - STMicroelectronics TDA7400 Datasheet HTML 9Page - STMicroelectronics TDA7400 Datasheet HTML 10Page - STMicroelectronics TDA7400 Datasheet HTML 11Page - STMicroelectronics TDA7400 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Carrier and harmonic suppression at the output
α19
Pilot Signal f = 19KHz
40
50
dB
α38
Subcarrier f = 38KHz
75
dB
α57
Subcarrier f = 57KHz
62
dB
α76
Subcarrier f = 76KHz
90
dB
Intermodulation (Note 1)
α2fmod = 10KHz, fspur = 1KHz
65
dB
α3fmod = 13KHz, fspur = 1KHz
75
dB
Traffic Ratio (Note 2)
α57
Signal f = 57KHz
70
dB
SCA - Subsidiary Communications Authoorization (Note 3)
α67
Signal f = 67KHz
75
dB
ACI - Adjacent Channel Interference (Note 4)
α114
Signal f = 114KHz
95
dB
α190
Signal f = 190KHz
84
dB
Notes to the characteristics:
1. Intermodulation Suppression:
α2 =
VO(signal)(at1KHz)
VO(spurious)(at1KHz)
;fs
=(2 x 10KHz)− 19KHz
α3 =
VO(signal)(at1KHz)
VO(spurious)(at1KHz)
;fs
=(3 x 13KHz)− 38KHz
measured with: 91% pilot signal; fm = 10kHz or 13kHz.
2. Traffic Radio (V.F.) Suppression: measured with: 91% stereo signal; 9% pilot signal; fm=1kHz; 5% subcarrier (f = 57kHz,
fm = 23Hz AM, m = 60%)
α57 (V.W>F.
)=
VO(signal)(at1KHz)
VO(spurious)(at1KHz +23KHz)
3. SCA ( Subsidiary Communications Authorization ) measured with: 81% mono signal; 9% pilot signal; fm = 1kHz; 10%SCA - subcarrier
( fs = 67kHz, unmodulated ).
α67 =
VO(signal)(at1KHz)
VO(spurious)(at9KHz)
;
FS
=(2 x 38KHz)−67KHz
4. ACI ( Adjacent Channel Interference ):
α114 =
VO(signal)(at1KHz)
VO(spurious)(at4KHz)
;FS
= 110KHz −
(3 x 38KHz)
α190 =
VO(signal)(at1KHz)
VO(spurious)(at4KHz)
;FS
= 186KHz −
(5 x 38KHz)
measured with: 90% mono signal; 9% pilot signal; fm =1kHz; 1% spurious signal ( fs = 110kHz or 186kHz, unmodulated).
TDA7400
8/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com