Electronic Components Datasheet Search
  English  ▼

X  

TDA7400 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7400
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7400 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7400 Datasheet HTML 6Page - STMicroelectronics TDA7400 Datasheet HTML 7Page - STMicroelectronics TDA7400 Datasheet HTML 8Page - STMicroelectronics TDA7400 Datasheet HTML 9Page - STMicroelectronics TDA7400 Datasheet HTML 10Page - STMicroelectronics TDA7400 Datasheet HTML 11Page - STMicroelectronics TDA7400 Datasheet HTML 12Page - STMicroelectronics TDA7400 Datasheet HTML 13Page - STMicroelectronics TDA7400 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VADJMP
Noise Rectifier adjustment
through Multipath
8)
Signal PEAK in
Testmode
MPNB = 00
8)
(c)
0.3
(c)
V/ms
MPNB = 01
8)
(c)
0.5
(c)
V/ms
MPNB = 10
8)
(c)
0.7
(c)
V/ms
MPNB = 11
8)
(c)
0.9
(c)
V/ms
0) All Thresholds are measured using a pulse with TR =2
µs, THIGH =2µs and TF =10µs. The repetitionrate must not increase the PEAK voltage.
1) NBT represents the Noiseblanker Byte bits D2,D0 for the noise blanker trigger threshold
2) NAT represents the Noiseblanker Byte bit pair D4,D3 for the noise controlled triggeradjustment
3) OVD represents the Noiseblanker Byte bit pair D7,D6 for the over deviation detector
4) FSC represents the Fieldstrength Byte bit pair D1,D0 for the fieldstrength control
5) BLT represents the Speaker RR Byte bit pair D7,D6 for the blanktime adjustment
6) NRD represents the Configuration-Byte bit pair D1,D0 for the noise rectifier discharge-adjustment
7) PCH represents the Stereodecoder-Byte bit D5 for the noise rectifier charge-current adjustment
8) MPNB represents the HighCut-Byte bit D7 and the Fieldstrength-Byte D7 for the noise rectifier multipath adjustment
65mV
30mV
8 STEPS
NOISE CONTROLLED
TRIG. THRESHOLD
MIN. TRIG. THRESHOLD
260mV(00)
220mV(01)
180mV(10)
140mV(11)
0.9V
VTH
1.5V
VPEAK(V)
D97AU648
Figure 1. Trigger Threshold vs.VPEAK
VPEAK
(VOP)
D97AU649
20
DEVIATION(KHz)
0.9
1.2
2.0
2.8
DETECTOR OFF (11)
32.5
45
75
10
01
00
Figure 2. Deviation Controlled Trigger Adjust-
ment
VOP
VIN
DC
TR
THIGH
TF
Time
D97AU636
TDA7400
10/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com