Electronic Components Datasheet Search
  English  ▼

X  

TDA7400 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7400
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7400 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7400 Datasheet HTML 5Page - STMicroelectronics TDA7400 Datasheet HTML 6Page - STMicroelectronics TDA7400 Datasheet HTML 7Page - STMicroelectronics TDA7400 Datasheet HTML 8Page - STMicroelectronics TDA7400 Datasheet HTML 9Page - STMicroelectronics TDA7400 Datasheet HTML 10Page - STMicroelectronics TDA7400 Datasheet HTML 11Page - STMicroelectronics TDA7400 Datasheet HTML 12Page - STMicroelectronics TDA7400 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VTR
Trigger Threshold
0) 1)
meas. with VPEAK = 0.9V
NBT = 111
(c)
30
(c)
mVOP
NBT = 110
(c)
35
(c)
mVOP
NBT = 101
(c)
40
(c)
mVOP
NBT = 100
(c)
45
(c)
mVOP
NBT = 011
(c)
50
(c)
mVOP
NBT = 010
(c)
55
(c)
mVOP
NBT = 001
(c)
60
(c)
mVOP
NBT = 000
(c)
65
(c)
mVOP
VTRNOISE
Noise Controlled Trigger
Threshold
2)
meas. with VPEAK = 1.5V
NCT = 00
(c)
260
(c)
mVOP
NCT = 01
(c)
220
(c)
mVOP
NCT = 10
(c)
180
(c)
mVOP
NCT = 11
(c)
140
(c)
mVOP
VRECT
Rectifier Voltage
VMPX = 0mV
NRD
6) = 00
0.5
0.9
1.3
V
VMPX = 50mV; f = 150KHz
1.5
1.7
2.1
V
VMPX = 200mV; f = 150KHz
2.2
2.5
2.9
V
VRECT DEV
deviation dependent
rectifier Voltage
3)
means. with
VMPX = 800mV
(75KHz dev.)
OVD = 11
0.5
0.9(off)
1.3
VOP
OVD = 10
0.9
1.2
1.5
VOP
OVD = 01
1.7
2.0
2.3
VOP
OVD = 00
2.5
2.8
3.1
VOP
VRECT FS
Fieldstrength Controlled
Rectifier Voltage
4)
means. with
VMPX = 0mV
VLEVEL << VSBL
(fully mono)
FSC = 11
0.5
0.9(off)
1.3
V
FSC = 10
0.9
1.4
1.5
V
FSC = 01
1.7
1.9
2.3
V
FSC = 00
2.1
2.4
3.1
V
TS
Suppression Pulse
Duration
5)
Signal HOLDN
in Testmode
BLT = 00
TBD
38
TBD
µs
BLT = 10
TBD
32
TBD
µs
BLT = 01
TBD
25.5
TBD
µs
BLT = 00
TBD
22
TBD
µs
VRECTADJ
Noise Rectifier
discharge adjustment
6)
Signal PEAK in
Testmode
NRD = 00
6)
(c)
0.3
(c)
V/ms
NRD = 01
6)
(c)
0.8
(c)
V/ms
NRD = 10
6)
(c)
1.3
(c)
V/ms
NRD = 11
6)
(c)
2.0
(c)
V/ms
SRPEAK
Noise Rectifier Charge
Signal PEAK in
Testmode
PCH = 0
7)
(c)
10
(c)
mV/
µs
PCH = 1
7)
(c)
20
(c)
mV/
µs
(c) = by design/characterization functionally guaranteed through dedicated test mode structure
NOISE BLANKER PART
internal 2nd order 140kHz high pass filter
programmable trigger threshold
trigger threshold dependent on high frequency
noise with programmable gain
additional circuits for deviation and field-
strength dependent trigger adjustment
very low offset current during hold time due to
opamps wMOS inputs
four selectable pulse suppression times
programmable noise rectifier charge/discharge
current
TDA7400
9/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com