Electronic Components Datasheet Search
  English  ▼

X  

TDA7400 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7400
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7400 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7400 Datasheet HTML 12Page - STMicroelectronics TDA7400 Datasheet HTML 13Page - STMicroelectronics TDA7400 Datasheet HTML 14Page - STMicroelectronics TDA7400 Datasheet HTML 15Page - STMicroelectronics TDA7400 Datasheet HTML 16Page - STMicroelectronics TDA7400 Datasheet HTML 17Page - STMicroelectronics TDA7400 Datasheet HTML 18Page - STMicroelectronics TDA7400 Datasheet HTML 19Page - STMicroelectronics TDA7400 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Deemphasis and Highcut.
The lowpass filter for the deemphasis allows to
choose between a time constant of 50
µs and
75
µs (bit D7, Stereodecoderbyte).
The highcut control range will be in both cases
τHC =2 ⋅ τDeemp. Inside the highcut control range
(between VHCH and VHCL) the LEVEL signal
is converted into a 5 bit word which controls the
lowpass
time
constant
between
τDeemp...3⋅
τDeemp. There by the resolution will remain always
5 bits independently of the absolute voltage
range between the VHCH and VHCL values.
The highcut function can be switched off by I
2C
bus (bit D7, Fieldstrength byte set to ”0”).
The setup of the highcut characteristics is de-
scribed in 2.9.
PLL and Pilot Tone Detector
The PLL has the task to lock on the 19kHz pilo-
tone during a stereo transmission to allow a cor-
rect demodulation. The included detector enables
the demodulation if the pilot tone reaches the se-
lected pilot tone threshold VPTHST. Two different
thresholds are available. The detector output (sig-
nal STEREO, see block diagram) can be checked
by reading the status byte of the TDA7400D via
I
2C bus.
Fieldstrength Control
The fieldstrength input is used to control the high
cut and the stereoblend function. In addition the
signal can be also used to control the noise-
blanker thresholds and as input for the multipath
detector. These additional functions are de-
scribed in sections 3.3 and 4.
LEVEL Input and Gain
To suppress undesired high frequency modula-
tion on the highcut and stereoblend function the
LEVEL signal is lowpass filtered firstly.
The filter is a combination of a 1st order RC low-
pass at 53kHz (working as anti-aliasing filter) and
a 1st-order switched capacitor lowpass at 2.2kHz.
The second stage is a programmable gain stage
to adapt the LEVEL signal internally to different IF
device (see Testmode section 5 LEVELINTERN).
The gain is widely programmable in 16 steps
from 0dB to 10dB (step = 0.67dB). These 4 bits
are located together with the Roll-Off bits in the
”Stereodecoder Adjustment” byte to simplify a
possible adaptation during the production of the
carradio.
Stereoblend Control
The stereoblend control block converts the inter-
nal LEVEL voltage (LEVEL INTERN) into an de-
modulator compatible analog signal which is used
to control the channel separation between 0dB
and the maximum separation. Internally this con-
trol range has a fixed upper limit which is the in-
ternal reference voltage REF5V. The lower limit
can be programmed between 29.2% and 58%, of
REF5V in 4.167% steps (see figs. 11, 12).
To adjust the external LEVEL voltage to the inter-
nal range two values must be defined: the LEVEL
gain LG and VSBL (see fig. 12). To adjust the
voltage where the full channel separation is
reached (VST) the LEVEL gain LG has to be de-
fined. The following equation can be used to esti-
mate the gain:
SOFTMUTE
COMMAND
STD MUTE
VO
t
D97AU638
t
t
Figure 13. Signals During Stereodecoder’s
Softmute
Figure 14. Internal Stereoblend Characteristics
TDA7400
16/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com