Electronic Components Datasheet Search
  English  ▼

X  

TDA7494S Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7494S
Description  10W AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7494S Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7494S Datasheet HTML 3Page - STMicroelectronics TDA7494S Datasheet HTML 4Page - STMicroelectronics TDA7494S Datasheet HTML 5Page - STMicroelectronics TDA7494S Datasheet HTML 6Page - STMicroelectronics TDA7494S Datasheet HTML 7Page - STMicroelectronics TDA7494S Datasheet HTML 8Page - STMicroelectronics TDA7494S Datasheet HTML 9Page - STMicroelectronics TDA7494S Datasheet HTML 10Page - STMicroelectronics TDA7494S Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
0
1
2
3
4 Vpin#9(V)
-140
-120
-100
-80
-60
-40
-20
0
ATT
(dB)
D96AU527
0dB=1W
Figure 11: Stand-by Attenuation vs Vpin # 9
01234 Vpin#10(V)
-100
-80
-60
-40
-20
0
ATT
(dB)
D96AU528
0dB=1W
Figure 12: Mute Atttenuation vs Vpin # 10
0.1
1
10 POUT(W)
0
2
4
6
8
PDISS
(W)
D96AU529
VS=21V
VS=28V
RL=8Ω
VS=35V
Figure 13: Power Dissipation vs Output Power
0.1
1
10 POUT(W)
0
2
4
6
8
PDISS
(W)
D96AU530
VS=18V
VS=21V
RL=4Ω
Figure 14: Power Dissipation vs Output Power
TDA7494S
7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com