Electronic Components Datasheet Search
  English  ▼

X  

TDA7494S Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7494S
Description  10W AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7494S Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7494S Datasheet HTML 2Page - STMicroelectronics TDA7494S Datasheet HTML 3Page - STMicroelectronics TDA7494S Datasheet HTML 4Page - STMicroelectronics TDA7494S Datasheet HTML 5Page - STMicroelectronics TDA7494S Datasheet HTML 6Page - STMicroelectronics TDA7494S Datasheet HTML 7Page - STMicroelectronics TDA7494S Datasheet HTML 8Page - STMicroelectronics TDA7494S Datasheet HTML 9Page - STMicroelectronics TDA7494S Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
11
13
15
17
19
VS(V)
0
1
2
3
4
5
6
7
POUT
(W)
D96AU519
RL=4Ω
d=1%
d=10%
Figure 5: Output Power vs Supply Voltage
02
4
6
POUT(W)
0.01
0.1
1
d
(%)
VS=21V
RL=4Ω
f=15KHz
f=1KHz
D96AU520
Figure 6: Distortion vs Output Power
20
100
1K
f(Hz)
0.01
0.1
1
d
(%)
D96AU521
POUT=1W
RL=8Ω
Figure 7: Distortion vs Frequency
20
100
1K
f(Hz)
0.01
0.1
1
d
(%)
D96AU522
POUT=1W
RL=4Ω
Figure 8: Distortion vs Frequency
10
14
18
22
26
30
VS(V)
16
18
20
22
24
26
28
IQ
(mA)
D96AU523
Figure 9: Quiescent Current vs Supply Voltage
10
14
18
22
26
30
VS(V)
5
7
9
11
13
15
VDDC
(V)
D96AU524
Figure 10: Quiescent Output Voltage vs Supply
Voltage
TDA7494S
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com