Electronic Components Datasheet Search
  English  ▼

X  

TDA7494S Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7494S
Description  10W AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7494S Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7494S Datasheet HTML 1Page - STMicroelectronics TDA7494S Datasheet HTML 2Page - STMicroelectronics TDA7494S Datasheet HTML 3Page - STMicroelectronics TDA7494S Datasheet HTML 4Page - STMicroelectronics TDA7494S Datasheet HTML 5Page - STMicroelectronics TDA7494S Datasheet HTML 6Page - STMicroelectronics TDA7494S Datasheet HTML 7Page - STMicroelectronics TDA7494S Datasheet HTML 8Page - STMicroelectronics TDA7494S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TDA7494S
10W AMPLIFIER
10W OUTPUT POWER RL = 8
Ω,
@ THD = 10% VCC = 28V
ST-BY AND MUTE FUNCTIONS
NO BOUCHEROT CELL
NO ST-BY RC INPUT NETWORK
SINGLE SUPPLY RANGING UP TO 35V
SHORT CIRCUIT PROTECTION
THERMAL OVERLOAD PROTECTION
INTERNALLY FIXED GAIN
SOFT CLIPPING
LOW TURN-ON TURN-OFF POP NOISE
MULTIWATT 15 PACKAGE
DESCRIPTION
The TDA7494S 10W is class AB power amplifier
assembled in the @Multiwatt 15 package, spe-
cially designed for high quality sound, TV applica-
tions.
Features of the TDA7494S include Stand-by and
mute functions.
December 1999
®
PWR
MUTE/STBY
PROTECTIONS
IN 1
1
8
79
10
14
OUT
SVR
MUTE
D99AU1012
13
+VCC
SGN GND
15
PWR GND
10K
1
µF
STAND-BY
470
µF
470nF
470
µF
30K
BLOCK AND APPLICATION DIAGRAM
Multiwatt15
ORDERING NUMBER: TDA7494S
MULTIPOWER BI50II TECHNOLOGY
1/12


Similar Part No. - TDA7494S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7494S STMICROELECTRONICS-TDA7494S Datasheet
1Mb / 13P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Sep-2003
TDA7494SA STMICROELECTRONICS-TDA7494SA Datasheet
1Mb / 13P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Sep-2003
More results

Similar Description - TDA7494S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7497 STMICROELECTRONICS-TDA7497 Datasheet
40Kb / 5P
10W10W10W/15W TRIPLE AMPLIFIER
Sep-1995
TDA7297D STMICROELECTRONICS-TDA7297D Datasheet
177Kb / 11P
10W10W DUAL BRIDGE AMPLIFIER
May-2004
logo
Integral Corp.
ILA2003 INTEGRAL-ILA2003 Datasheet
157Kb / 4P
10W AUDIO AMPLIFIER
logo
Wuxi Youda electronics ...
TDA2003 YOUDA-TDA2003 Datasheet
158Kb / 3P
10W AUDIO AMPLIFIER
logo
STMicroelectronics
TDA7297SA STMICROELECTRONICS-TDA7297SA Datasheet
497Kb / 11P
10W10W DUAL BRIDGE AMPLIFIER
Sep-2003
logo
KODENSHI_AUK CORP.
KKA2003 KODENSHI-KKA2003 Datasheet
139Kb / 3P
10W AUDIO AMPLIFIER
logo
NTE Electronics
NTE7105 NTE-NTE7105 Datasheet
74Kb / 3P
Integrated Circuit Dual 10W 10W Stereo Amplifier
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
10W 10W Stereo Class-D Amplifier
24-Nov-2005
logo
Unisonic Technologies
PA2009 UTC-PA2009_15 Datasheet
201Kb / 4P
10W STEREO AMPLIFIER
TDA22003 UTC-TDA22003_15 Datasheet
239Kb / 6P
10W STEREO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com