Electronic Components Datasheet Search
  English  ▼

X  

TDA7494S Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7494S
Description  10W AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7494S Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7494S Datasheet HTML 4Page - STMicroelectronics TDA7494S Datasheet HTML 5Page - STMicroelectronics TDA7494S Datasheet HTML 6Page - STMicroelectronics TDA7494S Datasheet HTML 7Page - STMicroelectronics TDA7494S Datasheet HTML 8Page - STMicroelectronics TDA7494S Datasheet HTML 9Page - STMicroelectronics TDA7494S Datasheet HTML 10Page - STMicroelectronics TDA7494S Datasheet HTML 11Page - STMicroelectronics TDA7494S Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
OFF
STBY MUTE
PLAY
STBY
OFF
MUTE
28
VS (V)
5
ST-BY
pin#9 (V)
5
MUTE
pin#10 (V)
INPUT
(mV)
VOUT
(V)
IQ
(mA)
D96AU531A
VSVR
pin#7(V)
2.5V
Turn ON/OFF Sequences (for optimising the POP performances)
A) USING MUTE AND STAND-BY FUNCTIONS
MUTE STAND-BY TRUTH TABLE
MUTE
ST-BY
OPERATING CONDITION
H
H
STANDBY
L
H
STANDBY
H
L
MUTE
L
L
PLAY
B) USING ONLY THE MUTE FUNCTION
To semplify the application, the stand-by pin can
be connected directly to Ground.
During the ON/OFF transitions we recommend to
respect the following conditions:
- At the turn-on the transition mute to play must
be made when the SVR pin is higher than
2.5V
- At the turn-off the TDA7494S must be brought
to mute from the play condition when the SVR
pin is higher than 2.5V.
TDA7494S
8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com