Electronic Components Datasheet Search
  English  ▼

X  

TDA7511 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7511 Datasheet HTML 8Page - STMicroelectronics TDA7511 Datasheet HTML 9Page - STMicroelectronics TDA7511 Datasheet HTML 10Page - STMicroelectronics TDA7511 Datasheet HTML 11Page - STMicroelectronics TDA7511 Datasheet HTML 12Page - STMicroelectronics TDA7511 Datasheet HTML 13Page - STMicroelectronics TDA7511 Datasheet HTML 14Page - STMicroelectronics TDA7511 Datasheet HTML 15Page - STMicroelectronics TDA7511 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
TDA7511
12/41
A
Gain
6dB
Cmin
Min. capacitance step
IF1T
0.55
pF
Cmax
Max. capacitance
IF1T
8.25
pF
C61-62
IF1T
2
pF
AM Mixer2 (450kHz)
RIN
Input impedance
Dependent on application
5
k
Ω
IP3
3rd order intercept point
140
dB
µV
F
Noise figure
12
dB
A
Max. gain
Mixer2 tank output
15
dB
∆A
Gain control range
20
dB
Cmin
Min. cap step
IF2T
1.6
pF
Cmax
Max. cap
IF2T
24
pF
C55-56
IF2T
2
pF
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ADDITIONAL PARAMETERS
Outputs of Tuning Voltage(TV1, TV2)
VOUT
Output voltage
TVR,TVO
1
VCC3-
1V
V
ROUT
Output impedance
20
k
Ω
Xtal Reference Oscillator
fLO
Reference frequency
CLoad = 15pF
10.25
MHz
CStep
Min. cap step
XTAL
0.6
pF
Cmax
Max. cap
XTAL
19.4
pF
∆f/f
Freq. deviation versus VCC2
∆VCC2 = 1V
1.5
ppm/V
∆f/f
Freq. deviation versus temp
-40°C < T < +85°C
0.2
ppm/K
I2C-Bus interface
fSCL
Clock frequency
400
kHz
VIL
Input low voltage
1V
ELECTRICAL CHARACTERISTICS (continued)
Tamb = +25°C, VCC1 = VCC2 = VCC3 = VCCVCO = VCCMIX1 = VCCMIX2 =8.5V, fRF =1MHz, fMOD = 400Hz at 30%
AMfIF1 = 10.7MHz, fIF2 = 450kHz, fxtal = 10.25MHz, in test or application circuit, (unless otherwise noted, VinRF
antenna input).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com