Electronic Components Datasheet Search
  English  ▼

X  

TDA7511 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7511 Datasheet HTML 19Page - STMicroelectronics TDA7511 Datasheet HTML 20Page - STMicroelectronics TDA7511 Datasheet HTML 21Page - STMicroelectronics TDA7511 Datasheet HTML 22Page - STMicroelectronics TDA7511 Datasheet HTML 23Page - STMicroelectronics TDA7511 Datasheet HTML 24Page - STMicroelectronics TDA7511 Datasheet HTML 25Page - STMicroelectronics TDA7511 Datasheet HTML 26Page - STMicroelectronics TDA7511 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
23/41
TDA7511
2.3
Data Byte Specification
Addr 0 Charge Pump Control
Addr 1 PLL Lock Detector
Table 4.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
0
0
High current = 0mA
0
0
0
1
High current = 0.5mA
0
0
1
0
High current = 1mA
0
0
1
1
High current = 1.5mA
---
-
-
1
1
1
1
High current = 7.5mA
00
Low current = 0
µA
01
Low current = 50
µA
10
Low current = 100
µA
11
Low current = 150
µA
0
Select low current
1
Select high current
0
Select LPFM
1
Select LPAM
Table 5.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
Not used, have to be 0, d1 only for testing
0
Select FM mode
1
Select AM mode
0
0
PD phase difference threshold
10ns
0
1
20ns
1
0
30ns
1
1
40ns
0
0
Not valid
0
1
Activation delay
4 x 1/fREF
10
6 x 1/fREF
11
8 x 1/fREF
0
Lock detector doesn't control charge pump
1
Lock detector controls charge pump



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com