Electronic Components Datasheet Search
  English  ▼

X  

TDA7511 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7511 Datasheet HTML 22Page - STMicroelectronics TDA7511 Datasheet HTML 23Page - STMicroelectronics TDA7511 Datasheet HTML 24Page - STMicroelectronics TDA7511 Datasheet HTML 25Page - STMicroelectronics TDA7511 Datasheet HTML 26Page - STMicroelectronics TDA7511 Datasheet HTML 27Page - STMicroelectronics TDA7511 Datasheet HTML 28Page - STMicroelectronics TDA7511 Datasheet HTML 29Page - STMicroelectronics TDA7511 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
TDA7511
26/41
Addr 8 IF Counter Control 1
Addr 9 IF Counter Control 2
Table 11.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
00
0
Not valid
00
1
Not valid
01
0
Not valid
01
1
∆f = 6.25kHz (FM)1kHz (AM UPC)
10
0
∆f = 12.5kHz (FM) 2kHz (AM UPC)
10
1
∆f = 25kHz (FM) 4kHz (AM UPC)
11
0
∆f = 50kHz (FM) 8kHz (AM UPC)
11
1
∆f = 100kHz (FM)16kHz (AM UPC)
0
IF counter disable / stand by
1
IF counter enable
Table 12.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
000
00
fCenter = 10.60625MHz (FM)10.689MHz (AM UPC)
000
01
fCenter = 10.61250MHz (FM)10.690MHz (AM UPC)
---
----
-
-
010
10
fCenter = 10.66875MHz (FM)10.699MHz (AM UPC)
010
11
fCenter = 10.67500MHz (FM)10.700MHz (AM UPC)
011
00
fCenter = 10.68125MHz (FM)10.701MHz (AM UPC)
011
01
fCenter = 10.68750MHz (FM)10.702MHz (AM UPC)
011
10
fCenter = 10.69375MHz (FM)10.703MHz (AM UPC)
011
11
fCenter = 10.70000MHz (FM)10.704MHz (AM UPC)
100
00
fCenter = 10.70625MHz (FM)10.705MHz (AM UPC)
100
01
fCenter = 10.71250MHz (FM)10.706MHz (AM UPC)
---
----
-
-
111
11
fCenter = 10.80000MHz (FM)10.720MHz (AM UPC)
000
tSample = 20.48ms (FM)128ms (AM UPC)
001
tSample = 10.24ms (FM)64ms (AM UPC)
010
tSample = 5.12ms (FM)32ms (AM UPC)
011
tSample = 2.56ms (FM)16ms (AM UPC)
100
tSample = 1.28ms (FM)8ms (AM UPC)
101
tSample = 640
µs (FM)4ms (AM UPC)
110
tSample = 320µs (FM)2ms (AM UPC)
111
tSample = 160
µs (FM)1ms (AM UPC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com