Electronic Components Datasheet Search
  English  ▼

X  

TDA7511 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7511 Datasheet HTML 10Page - STMicroelectronics TDA7511 Datasheet HTML 11Page - STMicroelectronics TDA7511 Datasheet HTML 12Page - STMicroelectronics TDA7511 Datasheet HTML 13Page - STMicroelectronics TDA7511 Datasheet HTML 14Page - STMicroelectronics TDA7511 Datasheet HTML 15Page - STMicroelectronics TDA7511 Datasheet HTML 16Page - STMicroelectronics TDA7511 Datasheet HTML 17Page - STMicroelectronics TDA7511 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
TDA7511
14/41
1
FUNCTIONAL DESCRIPTION
1.1
FM Section
1.2
Mixer1, AGC and 1.IF
Mixer1 is a wide dynamic range stage with low noise and large input signal performance. The mixer1 tank can
be adjusted by software (IF1T). The AGC operates on different sensitivities and bandwidths (FMAGC) in order
to improve the input sensitivity and dynamic range (keying AGC). The output signals of AGC are controlled volt-
age and current for preamplifier and prestage pin diode attenuator. (look at Figure 4)
Two 10.7MHz programmable amplifiers (IFG1, IFG2) correct the IF ceramic insertion loss and the costumer lev-
el plan application.
1.3
Mixer2, Limiter and Demodulator
In this 2. mixer stage the first 10.7MHz IF is converted into the second 450kHz IF. A multi-stage limiter generates
signals for the complete integrated demodulator without external tank. MPX output DC offset compensation is
possible by software (DEM).
1.4
Quality Detection and ISS (look at Figure 2)
Fieldstrength
Parallel to mixer2 input a 10.7MHz limiter generates a signal for digital IF counter and a fieldstrength output sig-
nal. This internal unweighted fieldstrength is used for keying AGC, adjacent channel and multipath detection
and is available at PIN14 (FSU) after +6dB buffer stage. The behaviour of this output signal can be corrected
for DC offset (SL) and slope (SMSL). The internal generated unweighted fieldstrength is filtered at PIN35 and
used for softmute function and generation of ISS filter switching signal for weak input level (sm).
Adjacent Channel Detector
The input of the adjacent channel detector is AC coupled from internal unweighted fieldstrength. A programma-
ble highpass or bandpass (ACF) and amplifier (ACG) as well as rectifier determines the influences. This voltage
is compared with adjustable comparator1 thresholds (ACWTH, ACNTH). The output signal of this comparator
generates a DC level at PIN15 by programmable time constant. Time control (TISS) for a present adjacent chan-
nel is made by charge and discharge current after comparator1 in an external capacitance. The charge current
is fixed and the discharge current is controlled by I2C Bus. This level produces digital signals (ac, ac+) in an
additional comparator4. The adjacent channel information is available as analog output signal after rectifier and
+8dB output buffer.
Multipath Detector
The input of the multipath detector is AC coupled from internal unweighted fieldstrength. A programmable band-
pass (MPF) and amplifier (MPG) as well as rectifier determines the influences. This voltage is compared with
an adjustable comparator2 thresholds (MPTH). The output signal of this comparator2 is used for the "Milano"
effect. In this case the adjacent channel detection is switched off. The "Milano" effect is selectable by I2C Bus
(MPOFF). The multipath information is available as analog output signal after rectifier and +8dB output buffer.
450kHz IF Narrow Bandpass Filter (ISS filter)
The device gets an additional second IF narrow bandpass filter for suppression noise and adjacent channel sig-
nal influences. This narrow filter has three switchable bandwidthes, narrow range of 80kHz, mid range of
120kHz and 30KHz for weather band information. Without ISS filter the IF bandwidth (wide range) is defined
only by ceramic filter chain. The filter is switched in after mixer2 before 450kHz limiter stage. The centre fre-
quency and matching to the demodulator center frequency can be fine adjusted (AISS) by software..
Deviation Detector
In order to avoid distortion in audio output signal the narrow ISS filter is switched OFF for present overdeviation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com