Electronic Components Datasheet Search
  English  ▼

X  

TDA7512 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 7Page - STMicroelectronics TDA7512 Datasheet HTML 8Page - STMicroelectronics TDA7512 Datasheet HTML 9Page - STMicroelectronics TDA7512 Datasheet HTML 10Page - STMicroelectronics TDA7512 Datasheet HTML 11Page - STMicroelectronics TDA7512 Datasheet HTML 12Page - STMicroelectronics TDA7512 Datasheet HTML 13Page - STMicroelectronics TDA7512 Datasheet HTML 14Page - STMicroelectronics TDA7512 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
11/42
TDA7512
V15
High voltage
ISSCTL = 1
4.9
V
ISS Filter Switch Threshold
V15
Threshold ISS on
ISSCTL = 0
3
V
V15
Threshold ISS off
ISSCTL = 0
1
V
V15
Threshold ISS narrow on
ISSCTL = 0
4
V
V15
Threshold ISS narrow off
ISSCTL = 0
2
V
I20
Charge current low
TDEV
-20
µA
I20
Charge current high
TDEV
-34
µA
I20
Discharge current low
TDEV
6
µA
I20
Discharge current high
TDEV
20
µA
DEVWTH Internal low threshold
DWTH
30
kHz
DEVWTH Internal high threshold
DWTH
75
kHz
RATIOmi
n
Referred to threshold
DTH
1
RATIOm
ax
Referred to threshold
DTH
1.5
Softmute
VANT
Upper startpoint
SMTH, SMD, SLOPE = 0
10
dB
µV
VANT
lower startpoint
SMTH, SMD, SLOPE = 0
3
dB
µV
aSMmin
Min. softmute depth
SMD, SLOPE = 0, SMTHUpper
18
dB
aSMmax
Max. softmute depth
SMD, SLOPE = 0, SMTHUpper
36
dB
aSMTHIS
S
Mute depth threshold for ISS filter
on
SMCTH
0.2
2
dB
VACTH
Internal AC mute threshold
ACM
60
340
mV
aSMAC
AC mute depth
ACMD
4
10
dB
I42
Charge current
-47.5
µA
I42
Discharge current
2.5
µA
S/N Over All
S/N
VANT_min = 60dB
µV,
dev.= 40kHz,LP=15KHz
deemphasis t = 50
µs
66
dB
Table 3. ELECTRICAL CHARACTERISTICS (continued)
Tamb = +25°C, VCC1 = VCC2 = VCC3 = VCCVCO = VCCMIX1 = VCCIF1=8.5V, fRF = 98MHz, dev. = 40kHz,
fMOD =1kHz, fIF1 =10.7MHz, fIF2 =450KHz, fXtal = 10.25MHz, in application circuit, unless otherwise
specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com