Electronic Components Datasheet Search
  English  ▼

X  

TDA7512 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 16Page - STMicroelectronics TDA7512 Datasheet HTML 17Page - STMicroelectronics TDA7512 Datasheet HTML 18Page - STMicroelectronics TDA7512 Datasheet HTML 19Page - STMicroelectronics TDA7512 Datasheet HTML 20Page - STMicroelectronics TDA7512 Datasheet HTML 21Page - STMicroelectronics TDA7512 Datasheet HTML 22Page - STMicroelectronics TDA7512 Datasheet HTML 23Page - STMicroelectronics TDA7512 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
TDA7512
20/42
to the TDA7512 will be considered as Data. The internal address will be automatically incremented. After each
word receipt the TDA7512 will answer with an "acknowledge".
1.8.8
Read Operation
If the master sends a slave address word with the R/W bit set to "1", the TDA7512 will transit one 8-bit data
word. This data word includes the following informations:
bit0 (ISS filter, 1 = ON, 0 = OFF)
bit1
(ISS filter bandwidth, 1 = 80kHz, 0 = 120kHz)
bit2
(MPOUT,1 = multipath present, 0 = no multipath)
bit3
(1 = PLL is locked in , 0 = PLL is locked out).
bit4
(fieldstrength indicator, 1 = lower as softmute threshold, 0 = higher as softmute threshold)
bit5
(adjacent channel indicator, 1 = adjacent channel present, 0 = no adjacent channel)
bit6
(deviation indicator, 1 = strong overdeviation present, 0 = no strong overdeviation)
bit7
(deviation indicator, 1 = overdeviation present, 0 = no overdeviation)
2.
Software Specification
The interface protocol comprises:
– start condition (S)
– chip address byte
– subaddress byte
– sequence of data (N bytes + Acknowledge)
– stop condition (P)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com