Electronic Components Datasheet Search
  English  ▼

X  

TDA7512 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 11Page - STMicroelectronics TDA7512 Datasheet HTML 12Page - STMicroelectronics TDA7512 Datasheet HTML 13Page - STMicroelectronics TDA7512 Datasheet HTML 14Page - STMicroelectronics TDA7512 Datasheet HTML 15Page - STMicroelectronics TDA7512 Datasheet HTML 16Page - STMicroelectronics TDA7512 Datasheet HTML 17Page - STMicroelectronics TDA7512 Datasheet HTML 18Page - STMicroelectronics TDA7512 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
15/42
TDA7512
1.
Functional Description
1.1
FM Section
1.2
Mixer1, AGC and 1.IF
FM quadrature I/Q-mixer converts FM RF to IF1 of 10.7MHz. The mixer provides inherent image rejection and
wide dynamic range with low noise and large input signal performance. The mixer1 tank can be adjusted by
software (IF1T). For accurate image rejection the gain- and phase-error generated as well in mixer as VCO
stage can be compensated by software (G,PH)
It is capable of tuning the US FM, US weather, Europe FM, Japan FM and East Europe FM bands
– US FM = 87.9 to 107.9 MHz
– US weather = 162.4 to 162.55 MHz
– Europe FM = 87.5 to 108 MHz
– Japan FM = 76 to 91 MHz
– East Europe FM = 65.8 to 74 MHz
The AGC operates on different sensitivities and bandwidths in order to improve the input sensitivity and dynamic
range. AGC thresholds are programmable by software (RFAGC,IFAGC,KAGC). The output signal is a con-
trolled current for double pin diode attenuator.
Two 10.7MHz programmable amplifiers (IFG1, IFG2) correct the IF ceramic insertion loss and the costumer lev-
el plan application.
1.3
Mixer2, Limiter and Demodulator
In this 2. mixer stage the first 10.7MHz IF is converted into the second 450kHz IF. A multi-stage limiter generates
signals for the complete integrated demodulator without external tank. MPX output DC offset versus noise DC
level is correctable by software (DEM).
1.4
Quality Detection and ISS
1.4.1
Fieldstrength
Parallel to mixer2 input a 10.7MHz limiter generates a signal for digital IF counter and a fieldstrength output sig-
nal. This internal unweighted fieldstrength is used for keying AGC, adjacent channel and multipath detection
and is available at PIN14 (FSU) after +6dB buffer stage. The behaviour of this output signal can be corrected
for DC offset (SL) and slope (SMSL). The internal generated unweighted fieldstrength is filtered at PIN35 and
used for softmute function and generation of ISS filter switching signal for weak input level (sm).
1.4.2
Adjacent Channel Detector
The input of the adjacent channel detector is AC coupled from internal unweighted fieldstrength. A programma-
ble highpass or bandpass (ACF) and amplifier (ACG) as well as rectifier determines the influences. This voltage
is compared with adjustable comparator1 thresholds (ACWTH, ACNTH). The output signal of this comparator
generates a DC level at PIN15 by programmable time constant. Time control (TISS) for a present adjacent chan-
nel is made by charge and discharge current after comparator1 in an external capacitance. The charge current
is fixed and the discharge current is controlled by I2C Bus. This level produces digital signals (ac, ac+) in an
additional comparator4. The adjacent channel information is available as analog output signal after rectifier and
+8dB output buffer.
1.4.3
Multipath Detector
The input of the multipath detector is AC coupled from internal unweighted fieldstrength. A programmable band-
pass (MPF) and amplifier (MPG) as well as rectifier determines the influences. This voltage is compared with
an adjustable comparator2 thresholds (MPTH). The output signal of this comparator2 is used for the "Milano"
effect. In this case the adjacent channel detection is switched off. The "Milano" effect is selectable by I2C Bus
(MPOFF). The multipath information is available as analog output signal after rectifier and +8dB output buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com