Electronic Components Datasheet Search
  English  ▼

X  

TDA7512 Datasheet(PDF) 34 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 30Page - STMicroelectronics TDA7512 Datasheet HTML 31Page - STMicroelectronics TDA7512 Datasheet HTML 32Page - STMicroelectronics TDA7512 Datasheet HTML 33Page - STMicroelectronics TDA7512 Datasheet HTML 34Page - STMicroelectronics TDA7512 Datasheet HTML 35Page - STMicroelectronics TDA7512 Datasheet HTML 36Page - STMicroelectronics TDA7512 Datasheet HTML 37Page - STMicroelectronics TDA7512 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
TDA7512
34/42
2.3.19 Addr 19 IF GAIN/XTAL Adjust
2.3.20 Addr 20 Tank Adjust
Table 27.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
IF1 gain2 9dB
1
IF1 gain2 11dB
0
0
IF1 gain1 9dB
0
1
IF1 gain1 11dB
1
0
IF1 gain1 12dB
1
1
IF1 gain1 15dB
000
00
CLoad 0pF
000
01
CLoad 0.75pF
000
10
CLoad 1.5pF
000
11
CLoad 2.25pF
001
00
CLoad 3pF
---
--
-
111
11
CLoad 23.25pF
Table 28.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
0
0
450kHz 0pF
0
0
0
1
450kHz 1.6pF
0
0
1
0
450kHz 3.2pF
0
0
1
1
450kHz 4.8pF
---
-
-
1
1
1
1
450kHz 24pF
0
0
0
0
10.7MHz 0pF
0
0
0
1
10.7MHz 0.55pF
0
0
1
0
10.7MHz 1.1pF
0
0
1
1
10.7MHz 1.65pF
---
-
-
1
1
1
1
10.7MHz 8.25pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com