Electronic Components Datasheet Search
  English  ▼

X  

TDA9103 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA9103
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9103 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA9103 Datasheet HTML 7Page - STMicroelectronics TDA9103 Datasheet HTML 8Page - STMicroelectronics TDA9103 Datasheet HTML 9Page - STMicroelectronics TDA9103 Datasheet HTML 10Page - STMicroelectronics TDA9103 Datasheet HTML 11Page - STMicroelectronics TDA9103 Datasheet HTML 12Page - STMicroelectronics TDA9103 Datasheet HTML 13Page - STMicroelectronics TDA9103 Datasheet HTML 14Page - STMicroelectronics TDA9103 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
VREF
10k
Ω
22k
Ω
DC Control Voltage
10k
Ω
Figure 5 :
Example of Practical DC Control
Voltage Generation
Z
T
Z
Figure 6
1.6V
HSYNC
Figure 7 : Input Structure
OPERATING DESCRIPTION
GENERAL CONSIDERATIONS
Power Supply
The typical value of the power supply voltage VCC
is 12V. Perfect operation is obtained if VCC is main-
tained in the limits : 10.8V
→ 13.2V.
In order to avoid erratic operation of the circuit
during the transient phase of VCC switching on, or
switching off, the value of VCC is monitored and the
outputs of the circuit are inhibited if it is too low.
In order to have a very good power supply rejection,
the circuit is internally powered by several internal
voltage references (The unique typical value of
which is 8V). Two of these voltage references are
externally accessible, one for the vertical part and
one for the horizontal part. These voltage refer-
ences can be used for the DC control voltages
applied on the concerned pins by the way of poten-
tiometers or digital to analog converters (DAC’s).
Furthermore it is possible to filter the a.m. voltage
references by the use of external capacitor con-
nected to ground, in order to minimize the noise
and consequently the ”jitter” on vertical and hori-
zontal output signals.
DC Control Adjustments
The circuit has 10 adjustment capabilities : 3 for the
horizontal part, 1 for the SMPS part, 2 for the E/W
correction, 4 for the vertical part.
The corresponding inputs of the circuit has to be
driven with a DC voltage typically comprised be-
tween 2 and 6V for a value of the internal voltage
reference of 8V.
More precisely, the control voltages have to be
maintained between VREF/4 and 3/4
⋅ VREF. The
application of control voltages outside this range is
not dangerousfor the circuit but the good operation
is not guaranted (except for Pin 2 : duty cycle
adjusment. See outputs inhibition paragraph).
The input currents of the DC control inputs are
typically very low (about a few
µA). Depending on
the internal structure of the inputs, the input cur-
rents can be positive or negative (sink or source).
HORIZONTAL PART
Input section
The horizontal input is designed to be sensitive to
TTL signals typically comprised between 0 and 5V.
The typical threshold of this input is 1.6V. This input
stage uses an NPN differential stage and the input
current is very low.
Concerning the duty cycle of the input signal, the
following signals may be applied to the circuit.
Using internal integration, both signals are recog-
nized on condition that Z/T
≤ 25%. Synchronisation
occurs on the leading edge of the rectified signal.
The minimum value of Z is 0.7
µs.
PLL1
The PLL1 is composed of a phase comparator, an
external filter and a Voltage Controlled Oscillator
(VCO).
The phase comparatoris a ”phase frequency” type,
designed in CMOS technology. This kind of phase
detector avoids locking on false frequencies. It is
followed by a ”charge pump”, composed of 2 cur-
rent sources sink and source (I = 1mA typ.)
TDA9103
11/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com