Electronic Components Datasheet Search
  English  ▼

X  

TDA9103 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA9103
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9103 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA9103 Datasheet HTML 13Page - STMicroelectronics TDA9103 Datasheet HTML 14Page - STMicroelectronics TDA9103 Datasheet HTML 15Page - STMicroelectronics TDA9103 Datasheet HTML 16Page - STMicroelectronics TDA9103 Datasheet HTML 17Page - STMicroelectronics TDA9103 Datasheet HTML 18Page - STMicroelectronics TDA9103 Datasheet HTML 19Page - STMicroelectronics TDA9103 Datasheet HTML 20Page - STMicroelectronics TDA9103 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
+
Analog.
Multiplier
E/W-CENT
E/W-AMP
Vertical Ramp
or
I
38
37
36
Figure 21 : Parabola Generation Principle
PARABOLA GENERATION FOR EAST-WEST
CORRECTION (see Figure 21)
Starting from the vertical ramp a parabola is gen-
erated for E/W correction.
The core of the parabola generator is an analog
multiplier which generates a current in the form :
I= k (VRAMP -VMID)
2
Where VRAMP is the vertical ramp, typically com-
prised between 2 and 5V, VMID is a DC voltage with
a nominal value of 3.5V, but adjustable in the range
3.2V
→ 3.8V in order to generate a dissymmetric
parabola if required (keystone adjustment).
The current is converted into voltage through a
variable gain transresistance amplifier. The gain,
controlled by the voltage on Pin 37 (E/W-AMP) can
be adjusted in the ratio 3/1.
The parabola is available on Pin 36 by the way of
an emitter follower which has to be biased by an
external resistor (10k
Ω). It must be AC coupled with
external circuitry.
The typical parabola amplitude (AC), with the DC
control voltages V37 and V38 set to 4V, is 2V.
It is important to note that the parasitic parabola
during the discharge of the vertical oscillator ca-
pacitor is suppressed.
VERTICAL PART (see Figure 22)
The vertical part generates a fixed amplitude ramp
which can be affected by a S correction shape.
Then, the amplitude of this ramp is adjusted to drive
an external power stage.
The internal reference voltage used for the vertical
part is available between Pin 26 and Pin 24. It can
be used as voltage reference for any DC adjusment
to keep a high accuracy to each adjustment. Its
typical value is :
V26 =VREF =8V.
The charge of the external capacitor on Pin 27
(VCAP) generates a fixed amplitude ramp between
the internal voltages, VL (VL =VREF/4) and VH
(VH = 5/8
⋅ VREF).
V
REF
Osc
Cap
R
19R
Sampling
Cap
V
REF
S Correction
VERT-OUT
VERT-AMP
Parabola
Generator
EW-AMP
KEYST
EW-OUT
OSCIL
SYNCHRO
V-SYNC
Disch.
Charge Current
Transconductance
Amplifier
27
25
34
38
37
36
31
30
28
29 S-CENTER
S-AMP
Figure 22 : Vertical Part Block Diagram
TDA9103
17/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com