Electronic Components Datasheet Search
  English  ▼

X  

TDA9103 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA9103
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9103 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA9103 Datasheet HTML 12Page - STMicroelectronics TDA9103 Datasheet HTML 13Page - STMicroelectronics TDA9103 Datasheet HTML 14Page - STMicroelectronics TDA9103 Datasheet HTML 15Page - STMicroelectronics TDA9103 Datasheet HTML 16Page - STMicroelectronics TDA9103 Datasheet HTML 17Page - STMicroelectronics TDA9103 Datasheet HTML 18Page - STMicroelectronics TDA9103 Datasheet HTML 19Page - STMicroelectronics TDA9103 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
V
REF
H-amp Reg-in
Compensation
Clamp
I
SENSE
H-FREQ
Buffer
SMPS
OUT
+
-
EA
RAP CYC
-
+
S
R
Basc
40
41
42
22
39
Figure 18 : SMPS Block Diagram
H Osc
Sawtooth
SMPS Drive
SMPS Current
1.6V
6.4V
0.75T
0.25T
Error Amplifier
Output (1.2V Max)
Figure 19 : SMPS Timing Diagram
Usys t
U
0
TDA9103
Hamp
Adjust
V
REF
4.8V
S WITCHING
REGULATOR
Flyback P eak
Dete ction a nd Re gulation
Hyoke
HDRIVE
Usys t is
a pproximatively
proportiona l
to Hfreq
S te p-up Conve rte r
H S ca n ning P art
Figure 20 : H Scanning Amplitude Regulation Example
The following functions are implemented in the
TDA9103 :
- A DC controlled variable gain amplifier allowing a
variation of
±14% of the voltage reference.
This is used to set the horizontal image ampli-
tude.
- An error amplifier, the non inverting input of which
is connected to the above mentioned adjustable
voltage reference.
The inverting input and the output of the error
amplifier are externally accessible.
- A comparator which determines the conduction
of the external transistor by comparing the output
voltage of the error amplifier and the voltage
applied on Pin 42 (ISENSE), which is the image of
the current in the power transistor (current mode
principle).
- A flip-flop which memorizes the on or off state of
the power transistor.
- An output buffer stage (open collector).
TDA9103
16/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com