Electronic Components Datasheet Search
  English  ▼

X  

TDA9103 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA9103
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9103 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA9103 Datasheet HTML 8Page - STMicroelectronics TDA9103 Datasheet HTML 9Page - STMicroelectronics TDA9103 Datasheet HTML 10Page - STMicroelectronics TDA9103 Datasheet HTML 11Page - STMicroelectronics TDA9103 Datasheet HTML 12Page - STMicroelectronics TDA9103 Datasheet HTML 13Page - STMicroelectronics TDA9103 Datasheet HTML 14Page - STMicroelectronics TDA9103 Datasheet HTML 15Page - STMicroelectronics TDA9103 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
The dynamic behaviour of the PLL is fixed by an
external filter which integrates the current of the
charge pump. A ”CRC” filter is generally used.
PLL1 is inhibited by applying a high level on Pin 35
(PLLinhib) which is a TTL compatible input. The inhibi-
tion results from the opening of a switch located be-
tween the charge pump and the filter (see Figure 8).
The VCO uses an external RC network. It delivers
a linear sawtooth obtained by charge and dis-
charge of the capacitor, by a current proportionnal
to the current in the resistor. typical thresholds of
sawtooth are 1.6V and 6.4V.
12
PLL1F
Figure 9
C Lockdet
LOCKDET
COMP1
INPUT
INTERFACE
CHARGE
PUMP
PLL
INHIBITION
VCO
PHASE
ADJUST
Eini
Horizontal
Adjust
R0 C0
Filter
Horizontal
Input
High
Low
E2
3.2V
OSC
17
13
35
12
11 10
15
Figure 8 : Principle Diagram
The control voltage of the VCO is typically com-
prised between 1.6V and 6V. The theoretical fre-
quency range of this VCO is in the ratio 1
→ 3.75,
but due to spread and thermal drift of external
components and the circuit itself, the effective fre-
quency range has to be smaller (e.g. 30kHz
→
82kHz). In the absenceof synchronisationsignal the
control voltage is equal to 1.6V typ. and the VCO
oscillates on its lowest frequency (free frequency).
The synchro frequencyhas to be always higher than
the free frequency and a margin has to be taken. As
an example for a synchro range from 30kHz to
82kHz, the suggested free frequency is 27kHz. To
compensate for the spread of external components
and of the circuit itself, the free frequency may be
adjusted by a DC voltage on Pin 14 (Fmin adjust)
(see Figure10 for details).
The PLL1 ensures the coincidence between the
leading edge of the synchro signal and a phase
reference obtained by comparison between the
sawtooth of the VCO and an internal DC voltage
adjustable between 2.4V and 4V (by Pin 15). So a
±45° phase adjustment is possible.
11
12
14
Loop
Fil ter
R0
(0.8V < a < 1.2V)
FHMINADJ
1.6V
6.4V
10
C0
6.4V
1.6V
0
0.75T T
RS
FLIP FLOP
a
(1.6V < V
< 6V)
12
I0
I0
2
4I0
2
Figure 10 : Details of VCO and Fhmin Adjustment
TDA9103
12/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com