Electronic Components Datasheet Search
  English  ▼

X  

TDA9109A Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA9109A
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA9109A Datasheet HTML 4Page - STMicroelectronics TDA9109A Datasheet HTML 5Page - STMicroelectronics TDA9109A Datasheet HTML 6Page - STMicroelectronics TDA9109A Datasheet HTML 7Page - STMicroelectronics TDA9109A Datasheet HTML 8Page - STMicroelectronics TDA9109A Datasheet HTML 9Page - STMicroelectronics TDA9109A Datasheet HTML 10Page - STMicroelectronics TDA9109A Datasheet HTML 11Page - STMicroelectronics TDA9109A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
PLL1F
POSITION
R0 C0
HFLY
PLL2C
HOUT
7
8
6
5
12
4
26
Phase/Frequency
Comparator
H-Phase(7bits)
VCO
Phase
Comparator
Phase
Shifter
H-Duty
(7bits)
Hout
Buffer
Safety
Processor
Controller
SPin bal
7bits
x2
x
Paral
7bits
B+
Lock/Unlock
Identification
Sync
Processor
Sync Input
Select
(1bit)
Geometry
Tracking
VDFAMP
7bits
Internal
reference
(7bits)
5V
Amp
Symmetry
2x7bits
x2
x2
Corner
7bits
E/Wpcc
7bits
Keyst.
7 bits
x
VerticalMoire
Cancel
7bits+ON/OFF
TDA9109A
VSYNC
VPOS
7bits
VAMP
7bits
7 bits
7 bits
Vertical
Oscillator
Ramp Generator
S and C
Correction
I2C Interface
Href
Vref
11
19
17
29
25
28
16
14
15
HGND
VGND
VCC
XRAY
BOUT
ISENSE
COMP
REGIN
BGND
10
9
24
FOCUS
HFOCUS-
EWOUT
23
18
20
22
VOUT
BREATH
VAGCCAP
VCAP
21
13
32
27
30
31
1
2
3
H/HVIN
VSYNCIN
HLOCKOUT
SDA
SCL
GND
5V
HREF
VREF
CAP
x4
x2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com