Electronic Components Datasheet Search
  English  ▼

X  

TDA9109A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA9109A
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109A Datasheet(HTML) 1 Page - STMicroelectronics

  TDA9109A Datasheet HTML 1Page - STMicroelectronics TDA9109A Datasheet HTML 2Page - STMicroelectronics TDA9109A Datasheet HTML 3Page - STMicroelectronics TDA9109A Datasheet HTML 4Page - STMicroelectronics TDA9109A Datasheet HTML 5Page - STMicroelectronics TDA9109A Datasheet HTML 6Page - STMicroelectronics TDA9109A Datasheet HTML 7Page - STMicroelectronics TDA9109A Datasheet HTML 8Page - STMicroelectronics TDA9109A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
Version 4.2
June 2000
1/47
TDA9109A
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR
FOR MULTISYNC MONITOR
FEATURES
General
s
SYNC PROCESSOR
s
12V SUPPLY VOLTAGE
s
8V REFERENCE VOLTAGE
s
HORIZONTAL LOCK/UNLOCK OUTPUT
s
READ/WRITE I2C INTERFACE
s
VERTICAL MOIRE
s
B+ REGULATOR
- Internal PWM generator for B+ current mode
step-up converter
- Switchable to step-down converter
-I
2C adjustable B+ reference voltage
- Output Pulses Synchronized on Horizontal
Frequency
- Internal Maximum Current Limitation
Horizontal
s
Self-adaptative
s
Dual PLL concept
s
150kHz maximum frequency
s
X-ray protection input
s
I2C controls:
Horizontal duty-cycle, H-position
Vertical
s
Vertical ramp generator
s
50 to 185Hz AGC loop
s
Geometry tracking with Vpos & Vamp
s
I2C controls:
Vamp, Vpos, S-corr, C-corr
s
DC breathing compensation
I
2C Geometry corrections
s
Vertical parabola generator
(Pin
Cushion
-
E/W,
Keystone,
Corner
Correction)
s
Horizontal dynamic phase
(Side Pin Balance & Parallelogram)
s
Horizontal
and
vertical
dynamic
focus
(Horizontal focus amplitude, Horizontal focus
symmetry, Vertical focus amplitude)
DESCRIPTION
The TDA9109A is a monolithic integrated circuit
assembled in a 32-pin shrink dual in line plastic
package. This IC controls all the functions related
to the horizontal and vertical deflection in multi-
mode or multi-frequency computer display moni-
tors.
The internal sync processor, combined with the
very powerful geometry correction block, make
the TDA9109A suitable for very high performance
monitors, using very few external components.
The horizontal jitter level is very low. It is particu-
larly well-suited to high-end 15” and 17” monitors.
Combined with the ST7275 Microcontroller family,
TDA9206 (Video preamplifier) and STV942x (On-
Screen Display controller), the TDA9109A allows
fully I2C bus-controlled computer display monitors
to be built with a reduced number of external com-
ponents
.
SHRINK32 (Plastic Package)
ORDER CODE: TDA9109A
1


Similar Part No. - TDA9109A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9109 STMICROELECTRONICS-TDA9109 Datasheet
293Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9109 STMICROELECTRONICS-TDA9109 Datasheet
266Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9109N STMICROELECTRONICS-TDA9109N Datasheet
303Kb / 32P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
More results

Similar Description - TDA9109A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6886 STMICROELECTRONICS-STV6886 Datasheet
486Kb / 43P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Apr-2000
TDA9103 STMICROELECTRONICS-TDA9103 Datasheet
306Kb / 27P
DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
May-1996
TDA9111 STMICROELECTRONICS-TDA9111 Datasheet
493Kb / 43P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Jun-2000
TDA9112 STMICROELECTRONICS-TDA9112 Datasheet
621Kb / 51P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
05-Nov-2001
TDA9113 STMICROELECTRONICS-TDA9113 Datasheet
582Kb / 50P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Oct-2001
TDA9115 STMICROELECTRONICS-TDA9115 Datasheet
579Kb / 45P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
18-Jul-2001
TDA9116 STMICROELECTRONICS-TDA9116 Datasheet
725Kb / 47P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
23-Nov-2000
STV6888 STMICROELECTRONICS-STV6888 Datasheet
722Kb / 46P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Aug-2003
STV9118 STMICROELECTRONICS-STV9118 Datasheet
577Kb / 46P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Nov-2003
TDA9112A STMICROELECTRONICS-TDA9112A Datasheet
781Kb / 60P
HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
2003-Oct
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com