Electronic Components Datasheet Search
  English  ▼

X  

TDA9109A Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA9109A
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA9109A Datasheet HTML 5Page - STMicroelectronics TDA9109A Datasheet HTML 6Page - STMicroelectronics TDA9109A Datasheet HTML 7Page - STMicroelectronics TDA9109A Datasheet HTML 8Page - STMicroelectronics TDA9109A Datasheet HTML 9Page - STMicroelectronics TDA9109A Datasheet HTML 10Page - STMicroelectronics TDA9109A Datasheet HTML 11Page - STMicroelectronics TDA9109A Datasheet HTML 12Page - STMicroelectronics TDA9109A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
TDA9109A
9/47
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (Pin 29)
13.5
V
VDD
Supply Voltage (Pin 32)
5.7
V
VIN
Max Voltage on
Pin 4
Pin 9
Pin 5
Pins 6, 7, 8, 14, 15, 16, 20, 22
Pins 10, 18, 23, 24, 25, 26, 28
Pins 1, 2, 3, 30, 31
4.0
5.5
6.4
8.0
VCC
VDD
V
V
V
V
V
V
VESD
ESD susceptibility
Human Body Model, 100pF Discharge
through
1.5k
Ω
EIAJ Norm, 200pF Discharge through 0
Ω
2
300
kV
V
Tstg
Storage Temperature
-40, +150
°C
T
j
Junction Temperature
+150
°C
T
oper
Operating Temperature
0, +70
°C
Symbol
Parameter
Value
Unit
R
th(j-a)
Max. Junction-Ambient Thermal Resistance
65
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com