Electronic Components Datasheet Search
  English  ▼

X  

TDA9109A Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA9109A
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA9109A Datasheet HTML 2Page - STMicroelectronics TDA9109A Datasheet HTML 3Page - STMicroelectronics TDA9109A Datasheet HTML 4Page - STMicroelectronics TDA9109A Datasheet HTML 5Page - STMicroelectronics TDA9109A Datasheet HTML 6Page - STMicroelectronics TDA9109A Datasheet HTML 7Page - STMicroelectronics TDA9109A Datasheet HTML 8Page - STMicroelectronics TDA9109A Datasheet HTML 9Page - STMicroelectronics TDA9109A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
TDA9109A
6/47
QUICK REFERENCE DATA
Parameter
Value
Unit
Horizontal Frequency
15 to 150
kHz
Autosynch Frequency (for given R0 and C0. Can be easily increased by application)
1 to 4.5 f0
± Horizontal Sync Polarity Input
YES
Polarity Detection (on both Horizontal and Vertical Sections)
YES
TTL Composite Sync
YES
Lock/Unlock Identification (on both Horizontal 1st PLL and Vertical Section)
YES
I2C Control for H-Position
±10
%
XRAY Protection
YES
I2C Horizontal Duty Cycle Adjustment
30 to 65
%
I2C Free Running Frequency Adjustment
NO
Stand-by Function
YES
Dual Polarity H-Drive Outputs
NO
Supply Voltage Monitoring
YES
PLL1 Inhibition Possibility
NO
Blanking Outputs
NO
Vertical Frequency
35 to 200
Hz
Vertical Autosync (for 150nF on Pin 22 and 470nF on Pin 20)
50 to 185
Hz
Vertical S-Correction (optimized for super flat tube)
YES
Vertical C-Correction
YES
Vertical Amplitude Adjustment
YES
DC Breathing Control on Vertical Amplitude
YES
Vertical Position Adjustment
YES
East/West (E/W) Parabola Output (also known as Pin Cushion Output)
YES
E/W Correction Amplitude Adjustment
YES
Keystone Adjustment
YES
Corner Correction with Amplitude Adjustment
YES
Internal Dynamic Horizontal Phase Control
YES
Side Pin Balance Amplitude Adjustment
YES
Parallelogram Adjustment
YES
Tracking of Geometric Corrections with Vertical Amplitude and Position
YES
Reference Voltage (both on Horizontal and Vertical)
YES
Dynamic Focus (both Horizontal and Vertical)
YES
I
2C Horizontal Dynamic Focus Amplitude Adjustment
YES
I2C Horizontal Dynamic Focus Symmetry Adjustment
YES
I2C Vertical Dynamic Focus Amplitude Adjustment
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com