Electronic Components Datasheet Search
  English  ▼

X  

TEA5116 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TEA5116
Description  5 CHANNELS VIDEO SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5116 Datasheet(HTML) 7 Page - STMicroelectronics

  TEA5116 Datasheet HTML 1Page - STMicroelectronics TEA5116 Datasheet HTML 2Page - STMicroelectronics TEA5116 Datasheet HTML 3Page - STMicroelectronics TEA5116 Datasheet HTML 4Page - STMicroelectronics TEA5116 Datasheet HTML 5Page - STMicroelectronics TEA5116 Datasheet HTML 6Page - STMicroelectronics TEA5116 Datasheet HTML 7Page - STMicroelectronics TEA5116 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
5
V
REF
CC
I
CC
I
typ. : 120mA
max. : 150mA
Internal Regulated V
CC
(6.7V typ.)
Refer to application diagram
INPUTS/OUTPUTS EQUIVALENT INTERNAL DIAGRAMS (continued)
ICC Supply (shunt transistor regulation system) (Pin 7)
T
E
A
5
1
1
6
11
9
12
16
18
2
10
8
17
1
3
75
Ω
75
Ω
75
Ω
75
Ω
3.3k
Ω
10k
Ω
75
Ω
1
7
11
15
20
8 x 100nF
INTERNAL SIGNALS
15
14
4
6
75
Ω
120
Ω
150
Ω
150
Ω
150
Ω
150
Ω
150
Ω
150
Ω
75
Ω
FB
R
G
B
S
TO VIDEO
PROCESSOR
OR TEA5115
7
+12V
10
µF
47
Ω 1W
PERI. TV
PLUG
5
C
FB1
FB2
R1
R2
G1
G2
B1
B2
S1
S2
13
R
•• Above given output load values are minimum values, in case of all output loading.
•• Minimum output load is 150 Ω individually, provided that total supply current is less than 150 mA.
R values
1) towards TEA5115 : R = 300
Ω
2) towards video processor : R = 200
Ω
TYPICAL APPLICATION DIAGRAM
TEA5116
7/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com