Electronic Components Datasheet Search
  English  ▼

X  

TEA5116 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TEA5116
Description  5 CHANNELS VIDEO SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5116 Datasheet(HTML) 4 Page - STMicroelectronics

  TEA5116 Datasheet HTML 1Page - STMicroelectronics TEA5116 Datasheet HTML 2Page - STMicroelectronics TEA5116 Datasheet HTML 3Page - STMicroelectronics TEA5116 Datasheet HTML 4Page - STMicroelectronics TEA5116 Datasheet HTML 5Page - STMicroelectronics TEA5116 Datasheet HTML 6Page - STMicroelectronics TEA5116 Datasheet HTML 7Page - STMicroelectronics TEA5116 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Video (or synchro) Signal Switch (pin 15) - time measurement conditions : (C pulse amplitude = 3V)
VS
Vas
Zic
Zcc
AV
B
DC Output Voltage (no input voltage)
Tjunction =25
oC
Tjunction stabilized
Max Output Swing Voltage
DC Input Impedance
Dynamic Output Impedance (input voltage 1Vpp ; f = 1MHz)
with Rload = 300
Ω
Gain (input voltage 1 Vpp ; f = 1MHz)
Bandwidth ( – 3 dB) (input voltage 1 Vpp)
2.6
5.5
15
0.9
1.2
10
10
6
20
1.25
6.5
V
V
Vpp
k
Ω
Ω
dB
MHz
Input Swing
1V
± 3dB
tdc
Delay Time between S Input and S Output (
∆ input : 0.7VPP)10
ns
tsr1
Switching rise time between C input signal and S output
signal (input signal on S1)
45
ns
tsf1
Switching fall time between C input signal and S output
signal (input signal on S1)
25
ns
tsr2
Switching Rise time between C input signal and S output
signal (input signal on S2)
55
tsf2
Switching fall time between C input signal and S output
signal (input signal on S2)
25
Select Input ”C” (pin 3)
VIL
VIH
IIL
IIH
Low Level Input Voltage
High Level Input Voltage
Low Level Input Current (VIL =1 V)
High Level Input Current (VIH =3 V)
– 0.5
2
– 0.6
1
VCC+0.5
– 0.1
0.5
V
V
mA
mA
t dc
C
RGBS1
RGBS2
FB1
FB2
OUTPUTS
RGBS
FB
t
FB2r
FB2f
tt
FB1f
FB1r
t
INPUTS
TEA5116
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com