Electronic Components Datasheet Search
  English  ▼

X  

TEA5116 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TEA5116
Description  5 CHANNELS VIDEO SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5116 Datasheet(HTML) 3 Page - STMicroelectronics

  TEA5116 Datasheet HTML 1Page - STMicroelectronics TEA5116 Datasheet HTML 2Page - STMicroelectronics TEA5116 Datasheet HTML 3Page - STMicroelectronics TEA5116 Datasheet HTML 4Page - STMicroelectronics TEA5116 Datasheet HTML 5Page - STMicroelectronics TEA5116 Datasheet HTML 6Page - STMicroelectronics TEA5116 Datasheet HTML 7Page - STMicroelectronics TEA5116 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS
Tamb =+25
°C, ICC = 120 mA ; Load value = 150 Ω
(sequentially switched) (unless otherwise specified, refer to test circuit page 7)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Internal Shunt Regulator
ICC = 120 mA
ICC =90 mA
ICC = 150 mA
6.3
6.2
6.2
6.7
7.2
7.3
7.3
V
V
V
R, G, B Switches (pins 4, 6, 14) (Time Measurement Conditions :
∆ inputs RGB = 0.7 Vpp ;
C pulse amplitude = 3 V)
VC
DC Output Voltage
Tjunction =25
°C
(no input voltage)
Tjunction stabilized
0.9
1.2
1.25
V
VAC
Max Output Swing Voltage
2
4
Vpp
B
Bandwidth (– 3dB) (input voltage 0.7Vpp)
20
30
MHz
Av
Gain of Each Channel (input voltage 0.7Vpp ; f = 1MHz)
5.5
6
6.5
dB
Adc
Gain Difference between any two R, G, B Channels
(input voltage 0.7Vpp ; f = 1MHz)
0.1
0.5
dB
Input Swing
0.7 V
±
3dB
zic
DC Input Impedance
10
k
Ω
zoc
Dynamic Output Impedance (input voltage 0.7 Vpp ;
f = 1MHz) with Rload = 300
Ω
10
Ω
Crosstalk between any inputs (R1 and R2 or B1 and B2 or G1
and G2) (input voltage 0.7Vpp ; f = 1MHz).
45
55
dB
Crosstalk between any outputs (input voltage 0.7Vpp ;
f = 1MHz)
40
55
dB
tdc
Delay time between R, G, B inputs and RGB outputs.
10
ns
tsr1
Switching Rise Time between FB1 Input Signal and R, G, B
Output Signal (input signal on RGB1)
45
ns
tsf1
Switching Fall Time between FB1 Input Signal and R, G, B
Output Signal (input signal on RGB1)
25
ns
tsr2
Switching Rise Time between FB2 Input Signal and R, G, B
Output Signal (input signal on RGB2)
55
ns
tsf2
Switching Fall Time between FB2 Input Signal and R, G, B
Output Signal (input signal on RGB2)
25
ns
Fast Blanking Switch (pin 13)
(time measurement conditions : FB input pulse amplitude = 2 V, C pulse amplitude = 3V))
VIL
VIH
VOL
VOH
Low Level Input Voltage
High Level Input Voltage
Low Level Output Voltage
High Level Output Voltage
Tjunction =25
oC
Tjunction stabilized
- 0.5
1
1.4
1.5
1.7
1.9
0.4
VCC+0.5
VCC+0.5
3.5
V
V
V
V
V
Dynamic Output Impedance : with Rload = 300
Ω
10
Ω
tFB1r
Delay Rise Time between FB1 Input and FB Output
60
110
ns
tFB1f
Delay Fall Time between FB1 Input and FB Output
40
60
ns
tFB2r
Delay Rise Time between FB2 Input and FB Output
60
ns
tFB2f
Delay Fall Time between FB2 input and FB Output
40
ns
tSFB1r
Switching Rise Time between C Input and FB Output
(input signal on FB1 input)
75
ns
tSFB1f
Switching Fall Time between C Input and FB Output
(input signal on FB1 input)
50
ns
tSFB2r
Switching Rise Time between C Input and FB Output
(input signal on FB2 input)
85
ns
tSFB2f
Switching Fall Time between C Input and FB Output
(input signal on FB2 input)
50
ns
TEA5116
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com