Electronic Components Datasheet Search
  English  ▼

X  

TEA5116 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TEA5116
Description  5 CHANNELS VIDEO SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5116 Datasheet(HTML) 6 Page - STMicroelectronics

  TEA5116 Datasheet HTML 1Page - STMicroelectronics TEA5116 Datasheet HTML 2Page - STMicroelectronics TEA5116 Datasheet HTML 3Page - STMicroelectronics TEA5116 Datasheet HTML 4Page - STMicroelectronics TEA5116 Datasheet HTML 5Page - STMicroelectronics TEA5116 Datasheet HTML 6Page - STMicroelectronics TEA5116 Datasheet HTML 7Page - STMicroelectronics TEA5116 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
100nF
1
µF
47nF
150
Ω
VOLTMETER
TIME MEASUREMENT
AMPLIFIER
(BANDWIDTH
CROSS-TALK)
CURRENT SOURCE
120mA
FB1
FB2
R1
R2
G1
G2
B1
B2
S1
C
S2
FB
R
G
B
S
GND
V
CC
CLOCK
GENERATOR
(TIME
MEASUREMENT)
DYNAMIC
SOURCE
STATIC
SOURCE
STATIC
SOURCE
TEST CIRCUIT
INPUTS/OUTPUTS EQUIVALENT INTERNAL DIAGRAMS
V
= 6.7V
CC
Pins 9 - 11
FB inputs (pins 9, 11)
Internal
V
= 6.7V
CC
REF
V= 3V
R, G, B, S inputs (pins 1, 2, 8, 10, 12, 16, 17, 18)
V
= 6.7V
CC
3
10k
Ω
10k
Ω
C input (pin 3)
V
= 6.7V
CC
I = 600
µA
All Outputs (pins 4, 6, 13, 14, 15)
TEA5116
6/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com