Electronic Components Datasheet Search
  English  ▼

X  

ST173SPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # ST173SPBF
Description  Inverter Grade Thyristors (Stud Version), 175 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST173SPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  ST173SPBF Datasheet HTML 1Page - Vishay Siliconix ST173SPBF Datasheet HTML 2Page - Vishay Siliconix ST173SPBF Datasheet HTML 3Page - Vishay Siliconix ST173SPBF Datasheet HTML 4Page - Vishay Siliconix ST173SPBF Datasheet HTML 5Page - Vishay Siliconix ST173SPBF Datasheet HTML 6Page - Vishay Siliconix ST173SPBF Datasheet HTML 7Page - Vishay Siliconix ST173SPBF Datasheet HTML 8Page - Vishay Siliconix ST173SPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94367
6
Revision: 29-Apr-08
ST173SPbF Series
Vishay High Power Products Inverter Grade Thyristors
(Stud Version), 175 A
Fig. 11 - Frequency Characteristics
Fig. 12 - Frequency Characteristics
Fig. 13 - Frequency Characteristics
10
100
1000
10 000
100
1000
10 000
400
2500
100
Pulse Basewidth (µs)
1000
1500
2000
3000
200
500
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
50 Hz
t
p
ST173S Series
Sinusoidal pulse
T
C = 60 °C
10
100
1000
10 000
100
1000
10 000
400
2500
100
Pulse Basewidth (µs)
1000
1500
2000
3000
200
500
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
50 Hz
t
p
ST173S Series
Sinusoidal pulse
T
C = 85 °C
10
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
ST173S Series
Trapezoidal pulse
T
C = 60 °C
dI/dt = 50 A/µs
t
p
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
400
2500
100
1000
1500
2000
3000
200
500
50 Hz
5000
10
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
ST173S Series
Trapezoidal pulse
T
C = 85 °C
dI/dt = 50 A/µs
t
p
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
400
2500
100
1000
1500
2000
3000
200
500
50 Hz
5000
10
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
400
2500
5000
100
1000
1500
2000
200
500
50 Hz
ST173S Series
Trapezoidal pulse
T
C = 60 °C
dI/dt = 100 A/µs
t
p
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
10 000
10
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
400
2500
5000
100
1000
1500
2000
200
500
50 Hz
ST173S Series
Trapezoidal pulse
T
C = 85 °C
dI/dt = 100 A/µs
t
p
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
10 000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com