Electronic Components Datasheet Search
  English  ▼

X  

ST173SPBF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # ST173SPBF
Description  Inverter Grade Thyristors (Stud Version), 175 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST173SPBF Datasheet(HTML) 8 Page - Vishay Siliconix

  ST173SPBF Datasheet HTML 1Page - Vishay Siliconix ST173SPBF Datasheet HTML 2Page - Vishay Siliconix ST173SPBF Datasheet HTML 3Page - Vishay Siliconix ST173SPBF Datasheet HTML 4Page - Vishay Siliconix ST173SPBF Datasheet HTML 5Page - Vishay Siliconix ST173SPBF Datasheet HTML 6Page - Vishay Siliconix ST173SPBF Datasheet HTML 7Page - Vishay Siliconix ST173SPBF Datasheet HTML 8Page - Vishay Siliconix ST173SPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94367
8
Revision: 29-Apr-08
ST173SPbF Series
Vishay High Power Products Inverter Grade Thyristors
(Stud Version), 175 A
ORDERING INFORMATION TABLE
1
-
Thyristor
2
-
Essential part number
3
-
3 = Fast turn-off
4
-
S = Compression bonding stud
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
10
6
-
P = Stud base 3/4" 16UNF-2A
7
-
Reapplied dV/dt code (for tq test condition)
8
-tq code
9
-
0 = Eyelet terminals
(gate and aux. cathode leads)
1 = Fast-on terminals
(gate and aux. cathode leads)
dV/dt - tq combinations available
dV/dt (V/µs) 20
50
100 200 400
15
18
20
25
30
CL
CP
CK
CJ
DP
DK
DJ
DH
FK*
FP*
EH
EJ
EK
EP
HJ
HK
FH
FJ
HH
-
tq (µs)
2 = Flag terminals (for cathode and gate terminals)
11
-
Critical dV/dt:
None = 500 V/µs (standard value)
L = 1000 V/µs (special selection)
-
Lead (Pb)-free
* Standard part number.
All other types available only on request.
M = Stud base metric threads M16 x 1.5
--
-
-
-
Device code
5
1
3
24
6
7
8
9
10
11
ST
17
3
S
12
P
F
K
0
-
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95079



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com