Electronic Components Datasheet Search
  English  ▼

X  

ST173SPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ST173SPBF
Description  Inverter Grade Thyristors (Stud Version), 175 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST173SPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  ST173SPBF Datasheet HTML 1Page - Vishay Siliconix ST173SPBF Datasheet HTML 2Page - Vishay Siliconix ST173SPBF Datasheet HTML 3Page - Vishay Siliconix ST173SPBF Datasheet HTML 4Page - Vishay Siliconix ST173SPBF Datasheet HTML 5Page - Vishay Siliconix ST173SPBF Datasheet HTML 6Page - Vishay Siliconix ST173SPBF Datasheet HTML 7Page - Vishay Siliconix ST173SPBF Datasheet HTML 8Page - Vishay Siliconix ST173SPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94367
4
Revision: 29-Apr-08
ST173SPbF Series
Vishay High Power Products Inverter Grade Thyristors
(Stud Version), 175 A
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
0
Average On-State Current (A)
40
80
120
160
80
90
100
110
120
130
ST173S Series
R
thJC (DC) = 0.105 K/W
Ø
Conduction angle
20
60
100
140
180
60 °C
90 °C
180 °C
120 °C
30 °C
0
200
240
280
Average On-State Current (A)
40
120
80
160
70
80
90
100
110
120
130
ST173S Series
R
thJC (DC) = 0.105 K/W
Ø
Conduction period
30°
60°
90°
120°
180°
DC
Average On-State Current (A)
0
50
100
150
200
250
300
350
RMS limit
0
100 120 140 160 180
20
60
40
80
180°
120°
90°
60°
30°
Ø
Conduction angle
ST173S Series
T
J = 125 °C
Maximum Allowable Ambient Temperature (°C)
0
50
100
150
200
250
300
350
25
125
50
100
75
0.16
K/W
0.2
K/W
0.3
K/W
0.4
K/W
0.8 K/W
1.2 K/W
0.5
K/W
Average On-State Current (A)
0
200
240
280
40
120
80
160
0
100
200
300
400
500
ST173S Series
T
J = 125 °C
Ø
Conduction period
RMS limit
DC
180°
120°
90°
60°
30°
0
100
200
300
400
500
0.2
K/W
R
thSA
=
0.8
K/W
- Δ
R
0.3
K/W
0.4 K/W
0.5 K/W
0.8 K/W
1.2 K/W
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
0.1
K/W
0.16
K/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com