Electronic Components Datasheet Search
  English  ▼

X  

AD5065 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5065
Description  Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5065 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5065 Datasheet HTML 2Page - Analog Devices AD5065 Datasheet HTML 3Page - Analog Devices AD5065 Datasheet HTML 4Page - Analog Devices AD5065 Datasheet HTML 5Page - Analog Devices AD5065 Datasheet HTML 6Page - Analog Devices AD5065 Datasheet HTML 7Page - Analog Devices AD5065 Datasheet HTML 8Page - Analog Devices AD5065 Datasheet HTML 9Page - Analog Devices AD5065 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD5025/AD5045/AD5065
Rev. 0 | Page 6 of 28
t4
t3
SCLK
SYNC
DIN
t1
t2
t5
t6
t7
t8
DB31
t9
t10
t11
t13
1ASYNCHRONOUS LDAC UPDATE MODE.
2SYNCHRONOUS LDAC UPDATE MODE.
t19
PDL
DB0
LDAC1
LDAC2
CLR
t12
t14
VOUT
Figure 3. Serial Write Operation
t8
t4
t6
t15
t18
t16
t17
t10
t5
32
64
SCLK
SYNC
DIN
SDO
UNDEFINED
INPUT WORD FOR DAC N
INPUT WORD FOR DAC N
INPUT WORD FOR DAC N + 1
DB0
DB31
DB0
DB31
DB31
DB0
t18
t12
t18
t19
LDAC1
1IF IN DAISY-CHAIN MODE, LDAC MUST BE USED ASYNCHRONOUSLY.
CLR
PDL
Figure 4. Daisy-Chain Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com