Electronic Components Datasheet Search
  English  ▼

X  

AD5065 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5065
Description  Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5065 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5065 Datasheet HTML 11Page - Analog Devices AD5065 Datasheet HTML 12Page - Analog Devices AD5065 Datasheet HTML 13Page - Analog Devices AD5065 Datasheet HTML 14Page - Analog Devices AD5065 Datasheet HTML 15Page - Analog Devices AD5065 Datasheet HTML 16Page - Analog Devices AD5065 Datasheet HTML 17Page - Analog Devices AD5065 Datasheet HTML 18Page - Analog Devices AD5065 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD5025/AD5045/AD5065
Rev. 0 | Page 15 of 28
TERMINOLOGY
Relative Accuracy
For the DAC, relative accuracy, or integral nonlinearity (INL), is
a measure of the maximum deviation in LSBs from a straight
line passing through the endpoints of the DAC transfer
function. Figure 6, Figure 7, and Figure 8 show plots of typical
INL vs. code.
Differential Nonlinearity
Differential nonlinearity (DNL) is the difference between the
measured change and the ideal 1 LSB change between any two
adjacent codes. A specified differential nonlinearity of ±1 LSB
maximum ensures monotonicity. This DAC is guaranteed mono-
tonic by design. Figure 9, Figure 10, and Figure 11 show plots of
typical DNL vs. code.
Offset Error
Offset error is a measure of the difference between the actual
VOUT and the ideal VOUT, expressed in millivolts in the linear
region of the transfer function. Offset error is measured on the
part with Code 512 (AD5065), Code 128 (AD5045), and Code 32
(AD5025) loaded into the DAC register. It can be negative or
positive and is expressed in millivolts.
Offset Error Drift
Offset error drift is a measure of the change in offset error with
a change in temperature. It is expressed in microvolts per degree
Celsius.
Gain Error
Gain error is a measure of the span error of the DAC. It is the
deviation in slope of the DAC transfer characteristic from the
ideal, expressed as a percentage of the full-scale range.
Gain Temperature Coefficient
Gain error drift is a measure of the change in gain error with
changes in temperature. It is expressed in parts per million of
full-scale range per degree Celsius. Measured with VREF < VDD.
Full-Scale Error
Full-scale error is a measure of the output error when full-scale
code (0xFFFF) is loaded into the DAC register. Ideally, the
output should be VDD − 1 LSB. Full-scale error is expressed as a
percentage of the full-scale range.
Digital-to-Analog Glitch Impulse
Digital-to-analog glitch impulse is the impulse injected into the
analog output when the input code in the DAC register changes
state. It is normally specified as the area of the glitch in nanovolt-
seconds and is measured when the digital input code is changed
by 1 LSB at the major carry transition (0x7FFF to 0x8000). See
Figure 25.
DC Power Supply Rejection Ratio (PSRR)
PSRR indicates how the output of the DAC is affected by changes
in the supply voltage. PSRR is the ratio of the change in VOUT to
a change in VDD for full-scale output of the DAC. It is measured
in decibels. VREF is held at 2.5 V, and VDD is varied ±10%.
Measured with VREF < VDD.
DC Crosstalk
DC crosstalk is the dc change in the output level of one DAC in
response to a change in the output of another DAC. It is measured
with a full-scale output change on one DAC (or soft power-down
and power-up) while monitoring another DAC kept at midscale.
It is expressed in microvolts.
DC crosstalk due to load current change is a measure of the
impact that a change in load current on one DAC has to another
DAC kept at midscale. It is expressed in microvolts per milliamp.
Reference Feedthrough
Reference feedthrough is the ratio of the amplitude of the signal
at the DAC output to the reference input when the DAC output
is not being updated (that is, LDAC is high). It is expressed in
decibels.
Digital Feedthrough
Digital feedthrough is a measure of the impulse injected into
the analog output of a DAC from the digital input pins of the
device but is measured when the DAC is not being written to
(SYNC held high). It is specified in nanovolt-seconds. It is
measured with one simultaneous data and clock pulse loaded
to the DAC.
Digital Crosstalk
Digital crosstalk is the glitch impulse transferred to the output
of one DAC at midscale in response to a full-scale code change
(all 0s to all 1s or vice versa) in the input register of another
DAC. It is measured in standalone mode and is expressed in
nanovolt-seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com