Electronic Components Datasheet Search
  English  ▼

X  

AD5065 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5065
Description  Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5065 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5065 Datasheet HTML 6Page - Analog Devices AD5065 Datasheet HTML 7Page - Analog Devices AD5065 Datasheet HTML 8Page - Analog Devices AD5065 Datasheet HTML 9Page - Analog Devices AD5065 Datasheet HTML 10Page - Analog Devices AD5065 Datasheet HTML 11Page - Analog Devices AD5065 Datasheet HTML 12Page - Analog Devices AD5065 Datasheet HTML 13Page - Analog Devices AD5065 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5025/AD5045/AD5065
Rev. 0 | Page 10 of 28
0.20
0.10
0
–0.10
–0.20
512
16,640
32,768
48,896
65,024
DAC CODE
0.15
–0.05
0.05
–0.15
Figure 12. Total Unadjusted Error (TUE) vs. DAC Code
2.0
–1.6
–1.4
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
5.5
5.0
4.5
4.0
3.5
3.0
2.5
REFERENCE VOLTAGE (V)
MAX INL ERROR @ VDD = 5.5V
MIN INL ERROR @ VDD = 5.5V
TA = 25°C
Figure 13. INL vs. Reference Input Voltage
2.0
–1.6
–1.4
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
5.5
5.0
4.5
4.0
3.5
3.0
2.5
REFERENCE VOLTAGE (V)
TA = 25°C
MAX DNL ERROR @ VDD = 5.5V
MIN DNL ERROR @ VDD = 5.5V
Figure 14. DNL vs. Reference Input Voltage
2.0
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
5.5
5.0
4.5
4.0
3.5
3.0
2.5
REFERENCE VOLTAGE (V)
MAX TUE ERROR @ VDD = 5.5V
MIN TUE ERROR @ VDD = 5.5V
TA = 25°C
Figure 15. Total Unadjusted Error (TUE) vs. Reference Input Voltage
0.015
0.010
0.005
0
–0.015
–60
–20
40
80
140
TEMPERATURE (°C)
–0.005
–0.010
–40
0
20
60
100
120
VDD = 5.5V
VREF = 4.096V
DAC A
DAC B
Figure 16. Gain Error vs. Temperature
DAC A
0.6
0.4
0.3
0
–0.4
–60
0
40
80
140
TEMPERATURE (ºC)
0.5
0.2
0.1
–0.1
–0.2
–0.3
–40
20
–20
60
100
120
DAC B
VDD = 5.5V
VREF = 4.096V
Figure 17. Offset Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com