Electronic Components Datasheet Search
  English  ▼

X  

AD5065 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5065
Description  Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5065 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5065 Datasheet HTML 20Page - Analog Devices AD5065 Datasheet HTML 21Page - Analog Devices AD5065 Datasheet HTML 22Page - Analog Devices AD5065 Datasheet HTML 23Page - Analog Devices AD5065 Datasheet HTML 24Page - Analog Devices AD5065 Datasheet HTML 25Page - Analog Devices AD5065 Datasheet HTML 26Page - Analog Devices AD5065 Datasheet HTML 27Page - Analog Devices AD5065 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD5025/AD5045/AD5065
Rev. 0 | Page 24 of 28
APPLICATIONS INFORMATION
USING A REFERENCE AS A POWER SUPPLY FOR
THE AD5025/AD5045/AD5065
Because the supply current required by the AD5025/AD5045/
AD5065 is extremely low, an alternative option is to use a voltage
reference to supply the required voltage to the parts (see Figure 50).
This is especially useful if the power supply is quite noisy or if
the system supply voltages are at some value other than 5 V or
3 V, for example, 15 V. The voltage reference outputs a steady
supply voltage for the AD5025/AD5045/AD5065. If the low
dropout REF195 is used, it must supply 500 μA of current to
the AD5025/AD5045/AD5065 with no load on the output of
the DAC. When the DAC output is loaded, the REF195 also needs
to supply the current to the load. The total current required
(with a 5 kΩ load on the DAC output) is
500 μA + (5 V/5 kΩ) = 1.5 mA
The load regulation of the REF195 is typically 2 ppm/mA,
which results in a 3 ppm (15 μV) error for the 1.5 mA current
drawn from it. This corresponds to a 0.196 LSB error.
SYNC
SCLK
DIN
15V
5V
VOUTx = 0V TO 5V
VDD
REF195
AD5025/
AD5045/
AD5065
3-WIRE
SERIAL
INTERFACE
Figure 50. REF195 as Power Supply to the AD5025/AD5045/AD5065
BIPOLAR OPERATION USING THE
AD5025/AD5045/AD5065
The AD5025/AD5045/AD5065 is designed for single-supply
operation, but a bipolar output range is also possible using the
circuit in Figure 51. The circuit gives an output voltage range of
±5 V. Rail-to-rail operation at the amplifier output is achievable
using an AD820 or an OP295 as the output amplifier.
The output voltage for any input code can be calculated as
follows:
R1
R2
V
R1
R2
R1
D
V
V
DD
DD
O
536
,
65
where D represents the input code in decimal (0 to 65,535).
With VDD = 5 V, R1 = R2 = 10 kΩ,
V
5
536
,
65
10
D
V
O
This is an output voltage range of ±5 V, with 0x0000 corre-
sponding to a −5 V output, and 0xFFFF corresponding to a
+5 V output.
3-WIRE
SERIAL INTERFACE
R2 = 10kΩ
+5V
AD820/
OP295
+5V
AD5025/
AD5045/
AD5065
VDD
VOUT
R1 = 10kΩ
±5V
0.1µF
10µF
–5V
Figure 51. Bipolar Operation with the AD5025/AD5045/AD5065
USING THE AD5025/AD5045/AD5065 WITH A
GALVANICALLY ISOLATED INTERFACE
In process control applications in industrial environments, it is
often necessary to use a galvanically isolated interface to protect
and isolate the controlling circuitry from any hazardous common-
mode voltages that can occur in the area where the DAC is
functioning. iCoupler® provides isolation in excess of 2.5 kV.
The AD5025/AD5045/AD5065 use a 3-wire serial logic interface,
so the ADuM1300 three-channel digital isolator provides the
required isolation (see Figure 52). The power supply to the part
also needs to be isolated, which is achieved by using a transformer.
On the DAC side of the transformer, a 5 V regulator provides the
5 V supply required for the AD5025/AD5045/AD5065.
0.1µF
GND
DIN
SYNC
SCLK
POWER
10µF
SDI
SCLK
DATA
AD5025/
AD5045/
AD5065
VOUTx
VOB
VOA
VOC
VDD
VIC
VIB
VIA
ADuM1300
5V
REGULATOR
Figure 52. AD5025/AD5045/AD5065 with a Galvanically Isolated Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com